Electronic Components Datasheet Search
  English  ▼

X  

TPS274C65AS Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 8Page - Texas Instruments TPS274C65AS Datasheet HTML 9Page - Texas Instruments TPS274C65AS Datasheet HTML 10Page - Texas Instruments TPS274C65AS Datasheet HTML 11Page - Texas Instruments TPS274C65AS Datasheet HTML 12Page - Texas Instruments TPS274C65AS Datasheet HTML 13Page - Texas Instruments TPS274C65AS Datasheet HTML 14Page - Texas Instruments TPS274C65AS Datasheet HTML 15Page - Texas Instruments TPS274C65AS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 87 page
background image
7.5 Electrical Characteristics (continued)
VVS = 11 V to 36 V, VVDD = 3.0 V to 5.5 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tRCB_DGL
CHx RCB Fault Deglitch
time
Channel Enabled, RCB enabled
1.2
ms
TABS
Thermal shutdown
160
185
210
°C
TOTW
Thermal shutdown
warning
110
130
150
°C
THYS
Thermal shutdown
hysteresis
20
27
35
°C
Vol_FLT
Fault low-output voltage
IFLT = 2 mA, sink current into the pin
0.4
V
tRETRY
Retry time
Time from thermal shutdown until switch re-enable.
0.6
ms
tRCB_F
Reverse current
protection comparator
delay
Time from VS – VOUT < 50 mV overdrive to FET
gate off
1.6
2
2.4
µs
VRCB_F
V(VS) – V(OUT)
threshold for
reverse protection
comparator,
falling
-104
-64
-23
mV
tRCB_comp_r
eset
RCB internal comparator
reset interval
100
ms
VRCB_pu
RCBx FET gate voltage
6
7
V
VRCB_R
V(VS) – V(OUT)
threshold for
reverse protection
comparator,
rising
28
45
58
mV
DIGITAL INPUT PIN CHARACTERISTIC
VIH, DIG
DIG pin Input voltage
high-level
3.0 V ≤ VDD ≤ 5.5 V
0.7 ×
VVDD
V
VIL, DIG
DIG pin Input voltage
low-level
3.0 V ≤ VDD ≤ 5.5 V
0.3 ×
VVDD
V
RREG_EN
Internal pullup resistance
for REG_EN pin
1
MΩ
RDIGx
Internal pulldown resistor
0.7
1
2.0
MΩ
IIH, DIG
Input current high-level
VDIG = 5 V
5
µA
DIGITAL OUTPUT PIN CHARACTERISTICS
VOH
Output Logic High
Voltage Drop
READY Pin current = –4 mA
-0.5
V
VOL_SDO
Output Logic Low Voltage SDO Pin current = –4 mA
0.2
V
VOL_FLT
Output Logic Low Voltage FLT Pin current = –4 mA
0.4
V
LED DRIVER CHARACTERISTICS
Vdrop_HL14
LED High Side / Low side
drop Channels 1 and 4
I_LED (average current over 4 phases) = 4 mA, LED
switch current = 16 mA
0.2
V
Vdrop_HL23
LED High Side / Low side
drop Channels 2 and 3
I_LED (average current over 4 phases) = 4 mA, LED
switch current = 32 mA
0.2
V
PWM_LED
LED driver PWM
frequency
1000
Hz
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com