Electronic Components Datasheet Search
  English  ▼

X  

TPS274C65AS Datasheet(PDF) 40 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 40 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 36Page - Texas Instruments TPS274C65AS Datasheet HTML 37Page - Texas Instruments TPS274C65AS Datasheet HTML 38Page - Texas Instruments TPS274C65AS Datasheet HTML 39Page - Texas Instruments TPS274C65AS Datasheet HTML 40Page - Texas Instruments TPS274C65AS Datasheet HTML 41Page - Texas Instruments TPS274C65AS Datasheet HTML 42Page - Texas Instruments TPS274C65AS Datasheet HTML 43Page - Texas Instruments TPS274C65AS Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
9.3.6.3 Short-to-Battery and Open-Load Detection
The TPS274C65 is capable of detecting short-to-battery and open-load events regardless of whether the switch
is turned on or off, however the two conditions use different methods to signify fault. This feature enables
systems to recognize mis-wiring or wire-break events.
9.3.6.4 On-State Wire-Break Detection
When the switch is enabled, TPS274C65 supports on-state open load detecttion as low as 0.32mA. In order
to achieve this accuracy, TPS274C65 uses a higher resistance path that is enabled for a short period of
time(TWB_ON1). If the WB_ON is kept high, the higher resistance path will be turned on again after 100ms retry
time. The wire-break will also be retried whenever the WB_ON signal is toggled. Please refer to Figure 9-31
for the wire-break detection timing diagram. This functionality is enabled when EN_WB_ON and diagnostics
are enabled, during this time open-load threshold will be detected and signaled through WB_ON_FLT bit if wire
break is detected.
Table 9-8. Open-Load ON-State Detection Threshold
WB_ON_THD[2]
WB_ON_THD[1]
WB_ON_THD[0]
Typical Current Threshold (mA)
0
0
0
0.32
0
0
1
0.64
0
1
0
0.96
0
1
1
1.28
1
0
0
1.6
1
0
1
1.92
1
1
0
2.24
1
1
1
2.56
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com