Electronic Components Datasheet Search
  English  ▼

X  

TPS274C65AS Datasheet(PDF) 48 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 48 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 44Page - Texas Instruments TPS274C65AS Datasheet HTML 45Page - Texas Instruments TPS274C65AS Datasheet HTML 46Page - Texas Instruments TPS274C65AS Datasheet HTML 47Page - Texas Instruments TPS274C65AS Datasheet HTML 48Page - Texas Instruments TPS274C65AS Datasheet HTML 49Page - Texas Instruments TPS274C65AS Datasheet HTML 50Page - Texas Instruments TPS274C65AS Datasheet HTML 51Page - Texas Instruments TPS274C65AS Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
9.6 TPS274C65 Registers
Table 9-11 lists the memory-mapped registers for the TPS274C65 registers. All register offset addresses not
listed in Table 9-11 should be considered as reserved locations and the register contents should not be modified.
Table 9-11. TPS274C65 Registers
Offset
Acronym
Register Name
Section
0h
FAULT_TYPE_STAT
Fault Type Register
Section 9.6.1
1h
FAULT_CH_STAT
Faulted channel register
Section 9.6.2
2h
FAULT_GLOBAL_TYPE
Global fault type register
Section 9.6.3
3h
SHRT_VS_CH_STAT
Short_to VS Faulted Channel Register
Section 9.6.4
4h
WB_OFF_CH_STAT
Off-state Wire-break faulted channel register
Section 9.6.5
5h
WB_ON_CH_STAT
On-state Wire-break faulted channel register
Section 9.6.6
6h
ILIMIT_CH_STAT
Current Limit faulted channel register
Section 9.6.7
7h
THERMAL_SD_CH_STAT
Thermal Shutdown faulted channel register
Section 9.6.8
8h
THERMAL_WRN_CH_STAT
Thermal warning threshold faulted channel register
Section 9.6.9
9h
RVRS_BLK_CH_STAT
Reverse Current flow (blocked) faulted channel register
Section 9.6.10
Bh
ADC_RESULT_CH1_I
ADC conversion result ISNS CH1
Section 9.6.11
Ch
ADC_RESULT_CH1_I_LSB
ADC conversion result ISNS CH1 LSBs
Section 9.6.12
Dh
ADC_RESULT_CH2_I
ADC conversion result ISNS CH2
Section 9.6.13
Eh
ADC_RESULT_CH2_I_LSB
ADC conversion result ISNS CH2 LSBs
Section 9.6.14
Fh
ADC_RESULT_CH3_I
ADC conversion result ISNS CH3
Section 9.6.15
10h
ADC_RESULT_CH3_I_LSB
ADC conversion result ISNS CH3 LSBs
Section 9.6.16
11h
ADC_RESULT_CH4_I
ADC conversion result ISNS CH4
Section 9.6.17
12h
ADC_RESULT_CH4_I_LSB
ADC conversion result ISNS CH4 LSBs
Section 9.6.18
13h
ADC_RESULT_CH1_T
ADC conversion result TSNS CH1
Section 9.6.19
14h
ADC_RESULT_CH2_T
ADC conversion result TSNS CH2
Section 9.6.20
15h
ADC_RESULT_CH3_T
ADC conversion result TSNS CH3
Section 9.6.21
16h
ADC_RESULT_CH4_T
ADC conversion result TSNS CH4
Section 9.6.22
17h
ADC_RESULT_CH1_V
ADC conversion result VSNS CH1
Section 9.6.23
18h
ADC_RESULT_CH2_V
ADC conversion result VSNS CH2
Section 9.6.24
19h
ADC_RESULT_CH3_V
ADC conversion result VSNS CH3
Section 9.6.25
1Ah
ADC_RESULT_CH4_V
ADC conversion result VSNS CH4
Section 9.6.26
1Bh
ADC_RESULT_VS
ADC conversion result VS
Section 9.6.27
1Ch
ADC_RESULT_VS_LSB
ADC conversion result VS
Section 9.6.28
1Dh
SW_STATE
Switch state per channel register
Section 9.6.29
1Eh
LED1_4_CTL
LED1-LED4 Control
Section 9.6.30
1Fh
LED_5_8_CTL
LED5-LED8 Control
Section 9.6.31
20h
FS_SW_STATE
SPI/WD error state per channel register
Section 9.6.32
21h
DEV_CONFIG1
Device Configuration Register #1
Section 9.6.33
22h
DEV_CONFIG2
Device Configuration Register #2
Section 9.6.34
23h
DEV_CONFIG3
Device Configuration Register #3
Section 9.6.35
24h
DEV_CONFIG4
Device Configuration Register #4
Section 9.6.36
25h
DEV_CONFIG5
Device Configuration Register #5
Section 9.6.37
26h
DEV_CONFIG6
Device Configuration Register #6
Section 9.6.38
27h
FAULT_MASK
Fault Mask register
Section 9.6.39
28h
EN_WB_OFF
Enable Off-state Wire-break fault per channel
Section 9.6.40
29h
EN_WB_ON
Enable On-state Wire-break fault per channel
Section 9.6.41
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
www.ti.com
48
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com