Electronic Components Datasheet Search
  English  ▼

X  

TPS274C65AS Datasheet(PDF) 53 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 53 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 49Page - Texas Instruments TPS274C65AS Datasheet HTML 50Page - Texas Instruments TPS274C65AS Datasheet HTML 51Page - Texas Instruments TPS274C65AS Datasheet HTML 52Page - Texas Instruments TPS274C65AS Datasheet HTML 53Page - Texas Instruments TPS274C65AS Datasheet HTML 54Page - Texas Instruments TPS274C65AS Datasheet HTML 55Page - Texas Instruments TPS274C65AS Datasheet HTML 56Page - Texas Instruments TPS274C65AS Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 87 page
background image
Table 9-17. WB_OFF_CH_STAT Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
0
WB_OFF_CH1
RC
0h
The bit is set if the wire break (open load) fault in off-state has
occurred at any time in CH1. The fault is latched and cleared when
the WB_OFF_CH_STAT register is read and fault condition does not
exist anymore.
0h = No wire-break (off-state) fault in CH1
1h = Wire break (open load) fault in off-state has occurred in CH1
9.6.6 WB_ON_CH_STAT Register (Offset = 5h) [Reset = 00h]
WB_ON_CH_STAT is shown in Table 9-18.
Return to the Summary Table.
The register reports faulted channel(s) with the on-state wire-break fault
Table 9-18. WB_ON_CH_STAT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0h
Reserved
3
WB_ON_CH4
RC
0h
The bit is set if the wire break (open load) fault in off-state has
occurred at any time in CH4. The fault is latched and cleared when
the WB_OFF_CH_STAT register is read and fault condition does not
exist anymore.
0h = No wire-break (on-state) fault in CH4
1h = Wire break (open load) fault in on-state has occurred in CH4
2
WB_ON_CH3
RC
0h
The bit is set if the wire break (open load) fault in off-state has
occurred at any time in CH3. The fault is latched and cleared when
the WB_OFF_CH_STAT register is read and fault condition does not
exist anymore.
0h = No wire-break (on-state) fault in CH3
1h = Wire break (open load) fault in on-state has occurred in CH3
1
WB_ON_CH2
RC
0h
The bit is set if the wire break (open load) fault in off-state has
occurred at any time in CH2. The fault is latched and cleared
when the WB_OFF_CH_STAT register is read and fault condition is
cleared.
0h = No wire-break (on-state) fault in CH2
1h = Wire break (open load) fault in on-state has occurred in CH2
0
WB_ON_CH1
RC
0h
The bit is set if the wire break (open load) fault in off-state has
occurred at any time in CH1. The fault is latched and cleared when
the WB_OFF_CH_STAT register is read and fault condition does not
exist anymore.
0h = No wire-break (on-state) fault in CH1
1h = Wire break (open load) fault in on-state has occurred in CH1
9.6.7 ILIMIT_CH_STAT Register (Offset = 6h) [Reset = 00h]
ILIMIT_CH_STAT is shown in Table 9-19.
Return to the Summary Table.
The register reports faulted channel(s) with the current limit fault
Table 9-19. ILIMIT_CH_STAT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0h
Reserved
www.ti.com
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com