Electronic Components Datasheet Search
  English  ▼

X  

TPS274C65AS Datasheet(PDF) 57 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 57 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 53Page - Texas Instruments TPS274C65AS Datasheet HTML 54Page - Texas Instruments TPS274C65AS Datasheet HTML 55Page - Texas Instruments TPS274C65AS Datasheet HTML 56Page - Texas Instruments TPS274C65AS Datasheet HTML 57Page - Texas Instruments TPS274C65AS Datasheet HTML 58Page - Texas Instruments TPS274C65AS Datasheet HTML 59Page - Texas Instruments TPS274C65AS Datasheet HTML 60Page - Texas Instruments TPS274C65AS Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 87 page
background image
The register records ADC conversion result for current sense of CH2
Table 9-25. ADC_RESULT_CH2_I Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
ADC_ISNS_CH2
R
0h
ADC result (8-bits) from the conversion of the current in CH2
9.6.14 ADC_RESULT_CH2_I_LSB Register (Offset = Eh) [Reset = 00h]
ADC_RESULT_CH2_I_LSB is shown in Table 9-26.
Return to the Summary Table.
The register records ADC conversion result for current sense of CH2 (Two LSBs)
Table 9-26. ADC_RESULT_CH2_I_LSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7-2
RESERVED
R
0h
Reserved
1-0
ADC_ISNS_CH2_LSB
R
0h
Least Significant Bits for ADC result from conversion of the current in
CH2
9.6.15 ADC_RESULT_CH3_I Register (Offset = Fh) [Reset = 00h]
ADC_RESULT_CH3_I is shown in Table 9-27.
Return to the Summary Table.
The register records ADC conversion result for current sense of CH3
Table 9-27. ADC_RESULT_CH3_I Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
ADC_ISNS_CH3
R
0h
ADC result (8-bits) from the conversion of the current in CH3
9.6.16 ADC_RESULT_CH3_I_LSB Register (Offset = 10h) [Reset = 00h]
ADC_RESULT_CH3_I_LSB is shown in Table 9-28.
Return to the Summary Table.
The register records ADC conversion result for current sense of CH3 (Two LSBs)
Table 9-28. ADC_RESULT_CH3_I_LSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7-2
RESERVED
R
0h
Reserved
1-0
ADC_ISNS_CH3_LSB
R
0h
Least Significant Bits for ADC result from conversion of the current in
CH3
9.6.17 ADC_RESULT_CH4_I Register (Offset = 11h) [Reset = 00h]
ADC_RESULT_CH4_I is shown in Table 9-29.
Return to the Summary Table.
The register records ADC conversion result for current sense of CH4
www.ti.com
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com