Electronic Components Datasheet Search
  English  ▼

X  

TPS274C65AS Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 5 Page - Texas Instruments

  TPS274C65AS Datasheet HTML 1Page - Texas Instruments TPS274C65AS Datasheet HTML 2Page - Texas Instruments TPS274C65AS Datasheet HTML 3Page - Texas Instruments TPS274C65AS Datasheet HTML 4Page - Texas Instruments TPS274C65AS Datasheet HTML 5Page - Texas Instruments TPS274C65AS Datasheet HTML 6Page - Texas Instruments TPS274C65AS Datasheet HTML 7Page - Texas Instruments TPS274C65AS Datasheet HTML 8Page - Texas Instruments TPS274C65AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
ADDCFG
DSPI
40
39
38
37
36
35
34
33
32
31
10
9
8
7
6
5
4
3
2
1
GND
SCLK
SDO
SDI
CS
FLT
VDD
GND
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
REG_EN
DO_EN
DNC
DNC
DNC
DNC
DNC
DNC
DNC
PowerPAD™
DNC
Figure 6-2. RHA Package, 40-Pin VQFN, BS Version (Top View)
6.1 Pinout - Version AS & BS
Do Not Connect for pins labeled DNC
Pin
Number
TPS274C65AS
TPS274C65BS
Type
Description
1
READY
DNC(2)
O
Logic low output indicating the IC is ready for SPI data transmission
(connect to GND pin of the IC with resistor)
2
FLT
FLT
O
Fault output – on any (one or more) channel - open drain, needs to
be pulled up to VDD pin
3
DO_EN
DO_EN
I
Setting this pin low would disable all of the outputs. Set high to
enable SPI based output Internal pull-down
4
VDD(1)
VDD(1)
P
Logic Supply Input(1)
5,21
GND
GND
--
Device ground
6
ISNS
DNC(2)
O
SNS current output – use a parallel RC network to the GND pin of
the IC.
7
SDO
SDO
I
SPI Data Output from the device
8
SDI
SDI
I
SPI device (secondary) data input
9
SCLK
SCLK
O
SPI Clock Input
10
CS
CS
I
SPI Chip select
11
RCB3
DNC(2)
O
Gate connection for reverse current blocking FET Ch3
12,13
OUT3
OUT3
O
Output voltage for channel 3
14-17
VS
VS
P
24V Switch Supply input to the IC
www.ti.com
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com