Electronic Components Datasheet Search
  English  ▼

X  

AD9949 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9949
Description  12-Bit CCD Signal Processor with Precision Timing Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9949 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9949 Datasheet HTML 2Page - Analog Devices AD9949 Datasheet HTML 3Page - Analog Devices AD9949 Datasheet HTML 4Page - Analog Devices AD9949 Datasheet HTML 5Page - Analog Devices AD9949 Datasheet HTML 6Page - Analog Devices AD9949 Datasheet HTML 7Page - Analog Devices AD9949 Datasheet HTML 8Page - Analog Devices AD9949 Datasheet HTML 9Page - Analog Devices AD9949 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9949
Rev. B | Page 6 of 36
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With
Respect to
Rating
AVDD and TCVDD
AVSS
−0.3 V to +3.9 V
HVDD and RGVDD
HVSS,
RGVSS
−0.3 V to +3.9 V
DVDD and DRVDD
DVSS,
DRVSS
−0.3 V to +3.9 V
Any VSS
Any VSS
−0.3 V to +0.3 V
Digital Outputs
DRVSS
−0.3 V to DRVDD + 0.3 V
CLPOB/PBLK and HBLK
DVSS
−0.3 V to DVDD + 0.3 V
SCK, SL, and SDATA
DVSS
−0.3 V to DVDD + 0.3 V
RG
RGVSS
−0.3 V to RGVDD + 0.3 V
H1 to H4
HVSS
−0.3 V to HVDD + 0.3 V
REFT, REFB, and CCDIN
AVSS
−0.3 V to AVDD + 0.3 V
Junction Temperature
150°C
Lead Temperature (10 s)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect device
reliability.
THERMAL CHARACTERISTICS
Thermal Resistance
40-Lead LFCSP Package: θJA = 27°C/W1.
1 θJA is measured using a 4-layer PCB with the exposed paddle soldered to the
board.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy elec-
trostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation
or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com