Electronic Components Datasheet Search
  English  ▼

X  

AD9949 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9949
Description  12-Bit CCD Signal Processor with Precision Timing Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9949 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9949 Datasheet HTML 19Page - Analog Devices AD9949 Datasheet HTML 20Page - Analog Devices AD9949 Datasheet HTML 21Page - Analog Devices AD9949 Datasheet HTML 22Page - Analog Devices AD9949 Datasheet HTML 23Page - Analog Devices AD9949 Datasheet HTML 24Page - Analog Devices AD9949 Datasheet HTML 25Page - Analog Devices AD9949 Datasheet HTML 26Page - Analog Devices AD9949 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
AD9949
Rev. B | Page 23 of 36
GENERATING SPECIAL HBLK PATTERNS
Six toggle positions are available for HBLK. Normally, only two
of the toggle positions are used to generate the standard HBLK
interval. However, the additional toggle positions may be used
to generate special HBLK patterns, as shown in Figure 24. The
pattern in this example uses all six toggle positions to generate
two extra groups of pulses during the HBLK interval. By
changing the toggle positions, different patterns can be created.
HORIZONTAL SEQUENCE CONTROL
The AD9949 uses sequence change positions (SCP) and
sequence pointers (SPTR) to organize the individual horizontal
sequences. Up to four SCPs are available to divide the readout
into four separate regions, as shown in Figure 25. The SCP0 is
always hard-coded to Line 0, and SCP1 to SCP3 are register
programmable. During each region bounded by the SCP, the
SPTR registers designate which sequence is used by each signal.
CLPOB, PBLK, and HBLK each have a separate set of SCPs. For
example, CLPOBSCP1 defines Region 0 for CLPOB, and in that
region any of the four individual CLPOB sequences may be
selected with the CLPOBSPTR register. The next SCP defines a
new region and in that region, each signal can be assigned to a
different individual sequence. The sequence control registers
are summarized in Table 20.
EXTERNAL HBLK SIGNAL
The AD9949 can also be used with an external HBLK signal.
Setting the HBLKDIR register (Address 0×40) to high disables
the internal HBLK signal generation. The polarity of the exter-
nal signal is specified using the HBLKPOL register, and the
masking polarity of H1 is specified using the HBLKMASK
register. Table 21 summarizes the register values when using an
external HBLK signal.
UP TO FOUR INDIVIDUAL HORIZONTAL CLAMP AND BLANKING REGIONS MAY BE
PROGRAMMED WITHIN A SINGLE FIELD, USING THE SEQUENCE CHANGE POSITIONS.
SEQUENCE CHANGE OF POSITION 1
SEQUENCE CHANGE OF POSITION 2
SEQUENCE CHANGE OF POSITION 3
SINGLE FIELD (1 VD INTERVAL)
CLAMP AND PBLK SEQUENCE REGION 0
SEQUENCE CHANGE OF POSITION 0
(V-COUNTER = 0)
CLAMP AND PBLK SEQUENCE REGION 3
CLAMP AND PBLK SEQUENCE REGION 2
CLAMP AND PBLK SEQUENCE REGION 1
Figure 25. Clamp and Blanking Sequence Flexibility
Table 21. External HBLK Register Parameters
Register
Length
Range
Description
HBLKDIR
1b
High/Low
Specifies HBLK Internally Generated or Externally Supplied.
1 = External.
HBLKPOL
1b
High/Low
External HBLK Active Polarity.
0 = Active Low.
1 = Active High.
HBLKEXTMASK
1b
High/Low
External HBLK Masking Polarity.
0 = Mask H1 Low.
1 = Mask H1 High.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com