Electronic Components Datasheet Search
  English  ▼

X  

AD9949 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9949
Description  12-Bit CCD Signal Processor with Precision Timing Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9949 Datasheet(HTML) 1 Page - Analog Devices

  AD9949 Datasheet HTML 1Page - Analog Devices AD9949 Datasheet HTML 2Page - Analog Devices AD9949 Datasheet HTML 3Page - Analog Devices AD9949 Datasheet HTML 4Page - Analog Devices AD9949 Datasheet HTML 5Page - Analog Devices AD9949 Datasheet HTML 6Page - Analog Devices AD9949 Datasheet HTML 7Page - Analog Devices AD9949 Datasheet HTML 8Page - Analog Devices AD9949 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
12-Bit CCD Signal Processor with
Precision Timing Core
AD9949
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
New AD9949A supports CCD line length > 4096 pixels
Correlated double sampler (CDS)
0 dB to 18 dB pixel gain amplifier (PxGA®)
6 dB to 42 dB 10-bit variable gain amplifier (VGA)
12-bit, 36 MSPS analog-to-digital converter (ADC)
Black level clamp with variable level control
Complete on-chip timing driver
Precision Timing™ core with < 600 ps resolution
On-chip 3 V horizontal and RG drivers
40-lead LFCSP package
APPLICATIONS
Digital still cameras
High speed digital imaging applications
GENERAL DESCRIPTION
The AD9949 is a highly integrated CCD signal processor for
digital still camera applications. Specified at pixel rates of up to
36 MHz, the AD9949 consists of a complete analog front end
with A/D conversion, combined with a programmable timing
driver. The Precision Timing core allows adjustment of high
speed clocks with < 600 ps resolution.
The analog front end includes black level clamping, CDS,
PxGA, VGA, and a 36 MSPS, 12-bit ADC. The timing driver
provides the high speed CCD clock drivers for RG and H1 to
H4. Operation is programmed using a 3-wire serial interface.
Packaged in a space-saving, 40-lead LFCSP package, the
AD9949 is specified over an operating temperature range of
−20°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
CLAMP
DOUT
CCDIN
REFT REFB
INTERNAL
REGISTERS
6dB TO 42dB
SYNC
GENERATOR
SDATA
SCK
SL
HBLK
VGA
AD9949
PRECISION
TIMING
CORE
12-BIT
ADC
VREF
INTERNAL
CLOCKS
PxGA
CDS
HORIZONTAL
DRIVERS
RG
H1 TO H4
HD
VD
CLI
CLP/PBLK
0dB TO 18dB
4
12
Figure 1.


Similar Part No. - AD9949

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9949 AD-AD9949 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
12-Bit CCD Signal Processor with Precision Timing Core
REV. B
More results

Similar Description - AD9949

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9979 AD-AD9979 Datasheet
62Kb / 2P
14-Bit, CCD Signal Processor with Precision Timing Core
AD9948 AD-AD9948 Datasheet
522Kb / 28P
10-Bit CCD Signal Processor with Precision Timing??Core
REV.0
AD9971 AD-AD9971 Datasheet
67Kb / 2P
12-Bit CCD Signal Processor with Precision Timing
Rev. SpA
AD9992 AD-AD9992 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com