Electronic Components Datasheet Search
  English  ▼

X  

AD9949 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9949
Description  12-Bit CCD Signal Processor with Precision Timing Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9949 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9949 Datasheet HTML 13Page - Analog Devices AD9949 Datasheet HTML 14Page - Analog Devices AD9949 Datasheet HTML 15Page - Analog Devices AD9949 Datasheet HTML 16Page - Analog Devices AD9949 Datasheet HTML 17Page - Analog Devices AD9949 Datasheet HTML 18Page - Analog Devices AD9949 Datasheet HTML 19Page - Analog Devices AD9949 Datasheet HTML 20Page - Analog Devices AD9949 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AD9949
Rev. B | Page 17 of 36
Table 14. AFE Operation Register Detail
Address
Data Bit
Content
Default
Value
Name
Description
00
[1:0]
0
PWRDOWN
0 = Normal Operation.
1 = Reference Standby.
2/3 = Total Power-Down
[2]
1
CLPENABLE
0 = Disable OB Clamp.
1 = Enable OB Clamp.
[3]
0
CLPSPEED
0 = Select Normal OB Clamp Settling.
1 = Select Fast OB Clamp Settling.
[4]
0
FASTUPDATE
0 = Ignore VGA Update.
1 = Very Fast Clamping when VGA Is Updated.
[5]
0
PBLK_LVL
DOUT Value during PBLK.
0 = Blank to Zero.
1 = Blank to Clamp Level.
[7:6]
0
TEST MODE
Test Operation Only. Set to zero.
[8]
0
DCBYP
0 = Enable DC restore circuit.
1 = Bypass DC Restore Circuit during PBLK.
[9]
0
TESTMODE
Test Operation Only. Set to zero.
[11:10]
0
CDSGAIN
Adjustment of CDS Gain.
0 = 0 dB.
01 = −2 dB.
10 = −4 dB.
11 = 0 dB.
Table 15. AFE Control Register Detail
Address
Data Bit
Content
Default
Value
Name
Description
03
[1:0]
0
COLORSTEER
0 = Off.
1 = Progressive.
2 = Interlaced.
3 = Three Field.
[2]
1
PxGAENABLE
0 = Disable PxGA.
1 = Enable PxGA.
[3]
0
DOUTDISABLE
0 = Data Outputs Are Driven.
1 = Data Outputs Are Three-Stated.
[4]
0
DOUTLATCH
0 = Latch Data Outputs with DOUT Phase.
1 = Output Latch Transparent.
[5]
0
GRAYENCODE
0 = Binary Encode Data Outputs.
1 = Gray Encode Data Outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com