Electronic Components Datasheet Search
  English  ▼

X  

AD9949 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9949
Description  12-Bit CCD Signal Processor with Precision Timing Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9949 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9949 Datasheet HTML 10Page - Analog Devices AD9949 Datasheet HTML 11Page - Analog Devices AD9949 Datasheet HTML 12Page - Analog Devices AD9949 Datasheet HTML 13Page - Analog Devices AD9949 Datasheet HTML 14Page - Analog Devices AD9949 Datasheet HTML 15Page - Analog Devices AD9949 Datasheet HTML 16Page - Analog Devices AD9949 Datasheet HTML 17Page - Analog Devices AD9949 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
AD9949
Rev. B | Page 14 of 36
Table 8. AFE Register Map
Address
Data Bit
Content
Default Value
Name
Description
00
[11:0]
4
OPRMODE
AFE Operation Modes. (See Table 14.)
01
[9:0]
0
VGAGAIN
VGA Gain.
02
[7:0]
80
CLAMP LEVEL
Optical Black Clamp Level.
03
[11:0]
4
CTLMODE
AFE Control Modes. (See Table 15.)
04
[17:0]
0
PxGA GAIN01
PxGA Gain Registers for Color 0 [8:0] and Color 1 [17:9].
05
[17:0]
0
PxGA GAIN23
PxGA Gain Registers for Color 2 [8:0] and Color 3 [17:9].
Table 9. Miscellaneous Register Map
Address
Data Bit
Content
Default Value
Name
Description
10
[0]
0
SW_RST
Software Reset.
1 = Reset all registers to default, then self-clear back to 0.
11
[0]
0
OUT_CONTROL
Output Control.
0 = Make all dc outputs inactive.
12
[0]
0
TGCORE_RSTB
Timing Core Reset Bar.
0 = Reset TG core.
1 = Resume operation.
13
[11:0]
0
UPDATE
Serial Update.
Sets the line (HD) within the field to update serial data.
14
[0]
0
PREVENTUPDATE
Prevents the update of the VD updated registers.
1 = Prevent Update.
15
[0]
0
VDHDEDGE
VD/HD Active Edge.
0 = Falling Edge Triggered.
1 = Rising Edge Triggered.
16
[1:0]
0
FIELDVAL
Field Value Sync.
0 = Next Field 0.
1 = Next Field 1.
2/3 = Next Field 2.
17
[0]
0
HBLKRETIME
Retime HBLK to Internal H1 Clock.
Preferred setting is 1. Setting to 1 adds one cycle delay to HBLK
toggle positions.
18
[1:0]
0
CLPBLKOUT
CLP/BLK Pin Output Select.
0 = CLPOB.
1 = PBLK.
2 = HBLK.
3 = Low.
19
[0]
1
CLPBLKEN
Enable CLP/BLK Output.
1 = Enable.
1A
[0]
0
TEST MODE
Internal Test Mode.
Should always be set high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com