Electronic Components Datasheet Search
  English  ▼

X  

AD9949 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9949
Description  12-Bit CCD Signal Processor with Precision Timing Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9949 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9949 Datasheet HTML 12Page - Analog Devices AD9949 Datasheet HTML 13Page - Analog Devices AD9949 Datasheet HTML 14Page - Analog Devices AD9949 Datasheet HTML 15Page - Analog Devices AD9949 Datasheet HTML 16Page - Analog Devices AD9949 Datasheet HTML 17Page - Analog Devices AD9949 Datasheet HTML 18Page - Analog Devices AD9949 Datasheet HTML 19Page - Analog Devices AD9949 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD9949
Rev. B | Page 16 of 36
Table 12. HBLK Register Map
Address
Data Bit
Content
Default Value
(Hex)
Name
Description
40
[0]
0
HBLKDIR
HBLK Internal/External.
0 = Internal.
1 = External.
41
[0]
0
HBLKPOL
HBLK External Active Polarity.
0 = Active Low.
1 = Active High.
42
[0]
1
HBLKEXTMASK
HBLK External Masking Polarity.
0 = Mask H1 Low.
1 = Mask H1High.
43
[3:0]
F
HBLKMASK
HBLK Internal Masking Polarity for Each Sequence 0 to 3.
0 = Mask H1 Low.
1 = Mask H1 High.
44
[23:0]
FFFFFF
HBLKTOG12_0
Sequence 0. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
45
[23:0]
FFFFFF
HBLKTOG34_0
Sequence 0. Toggle Position 3 [11:0] and Toggle Position 4 [23:12].
46
[23:0]
FFFFFF
HBLKTOG56_0
Sequence 0. Toggle Position 5 [11:0] and Toggle Position 6 [23:12].
47
[23:0]
FFFFFF
HBLKTOG12_1
Sequence 1. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
48
[23:0]
FFFFFF
HBLKTOG34_1
Sequence 1. Toggle Position 3 [11:0] and Toggle Position 4 [23:12].
49
[23:0]
FFFFFF
HBLKTOG56_1
Sequence 1. Toggle Position 5 [11:0] and Toggle Position 6 [23:12].
4A
[23:0]
FFFFFF
HBLKTOG12_2
Sequence 2. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
4B
[23:0]
FFFFFF
HBLKTOG34_2
Sequence 2. Toggle Position 3 [11:0] and Toggle Position 4 [23:12].
4C
[23:0]
FFFFFF
HBLKTOG56_2
Sequence 2. Toggle Position 5 [11:0] and Toggle Position 6 [23:12].
4D
[23:0]
FFFFFF
HBLKTOG12_3
Sequence 3. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
4E
[23:0]
FFFFFF
HBLKTOG34_3
Sequence 3. Toggle Position 3 [11:0] and Toggle Position 4 [23:12].
4F
[23:0]
FFFFFF
0
HBLKTOG56_3
HBLKSCP0
Sequence 3. Toggle Position 5 [11:0] and Toggle Position 6[23:12].
HBLK Sequence-Change Position 0 (Hard-coded to 0).
50
[7:0]
0
HBLKSPTR
HBLK Sequence Pointers for Region 0 [1:0], 1 [3:2], 2 [5:4], 3 [7:6].
51
[11:0]
FFF
HBLKSCP1
HBLK Sequence-Change Position 1.
52
[11:0]
FFF
HBLKSCP2
HBLK Sequence-Change Position 2.
53
[11:0]
FFF
HBLKSCP3
HBLK Sequence-Change Position 3.
Table 13. H1 to H2, RG, SHP, SHD Register Map
Address
Data Bit
Content
Default Value
Name
Description
60
[12:0]
01001
H1CONTROL
H1 Signal Control. Polarity [0](0 = Inversion, 1 = No Inversion).
H1 Positive Edge Location [6:1].
H1 Negative Edge Location [12:7].
61
[12:0]
00801
RGCONTROL
RG Signal Control. Polarity [0](0 = Inversion, 1 = No Inversion).
RG Positive Edge Location [6:1].
RG Negative Edge Location [12:7].
62
[14:0]
0
DRVCONTROL
Drive Strength Control for H1 [2:0], H2 [5:3], H3 [8:6], H4 [11:9], and RG
[14:12].
Drive Current Values: 0 = Off, 1 = 4.3 mA, 2 = 8.6 mA,
3 = 12.9 mA, 4 = 17.2 mA, 5 = 21.5 mA, 6 = 25.8 mA, 7 = 30.1 mA.
63
[11:0]
00024
SAMPCONTROL
SHP/SHD Sample Control. SHP Sampling Location [5:0]. SHD Sampling
Location [11:6].
64
[5:0]
0
DOUTPHASE
DOUT Phase Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com