Electronic Components Datasheet Search
  English  ▼

X  

AD9949 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9949
Description  12-Bit CCD Signal Processor with Precision Timing Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9949 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9949 Datasheet HTML 6Page - Analog Devices AD9949 Datasheet HTML 7Page - Analog Devices AD9949 Datasheet HTML 8Page - Analog Devices AD9949 Datasheet HTML 9Page - Analog Devices AD9949 Datasheet HTML 10Page - Analog Devices AD9949 Datasheet HTML 11Page - Analog Devices AD9949 Datasheet HTML 12Page - Analog Devices AD9949 Datasheet HTML 13Page - Analog Devices AD9949 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD9949
Rev. B | Page 10 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
ADC OUTPUT CODE
4000
0
500
1000
1500
2000
2500
3000
3500
1.0
0.5
0
–0.5
–1.0
Figure 8. Typical DNL
VGA GAIN CODE (LSB)
1000
0
200
400
600
800
48
40
32
24
16
8
0
Figure 9. Output Noise vs. VGA Gain
SAMPLE RATE (MHz)
36
18
24
30
400
350
300
250
200
150
VDD = 3.3V
VDD = 3.0V
VDD = 2.7V
Figure 10. Power Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com