Electronic Components Datasheet Search
  English  ▼

X  

AD9949 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9949
Description  12-Bit CCD Signal Processor with Precision Timing Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9949 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9949 Datasheet HTML 27Page - Analog Devices AD9949 Datasheet HTML 28Page - Analog Devices AD9949 Datasheet HTML 29Page - Analog Devices AD9949 Datasheet HTML 30Page - Analog Devices AD9949 Datasheet HTML 31Page - Analog Devices AD9949 Datasheet HTML 32Page - Analog Devices AD9949 Datasheet HTML 33Page - Analog Devices AD9949 Datasheet HTML 34Page - Analog Devices AD9949 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AD9949
Rev. B | Page 31 of 36
DRIVING THE CLI INPUT
The AD9949’s master clock input (CLI) may be used in two
different configurations, depending on the application.
Figure 41 shows a typical dc-coupled input from the master
clock source. When the dc-coupled technique is used, the
master clock signal should be at standard 3 V CMOS logic
levels. As shown in Figure 42, a 1000 pF ac-coupling capacitor
may be used between the clock source and the CLI input. In this
configuration, the CLI input is self-biased to the proper dc volt-
age level of approximately 1.4 V. When the ac-coupled tech-
nique is used, the master clock signal can be as low as ±500 mV
in amplitude.
CCD IMAGER
SIGNAL
OUT
H2
RG
H3
H4
H1
H2
H1
RG
AD9949
CCDIN
18
19
14
15
21
27
Figure 39. CCD Connections (2 H-Clock)
CCD IMAGER
SIGNAL
OUT
H4
RG
H1
H2
H3
H4
H2
H1
H3
RG
AD9949
CCDIN
14
15
18
19
21
27
Figure 40. CCD Connections (4 H-Clock)
CLI
AD9949
25
ASIC
MASTER CLOCK
Figure 41. CLI Connection, DC-Coupled
LPF
1nF
CLI
AD9949
25
ASIC
MASTER CLOCK
Figure 42. CLI Connection, AC-Coupled
HORIZONTAL TIMING SEQUENCE EXAMPLE
Figure 43 shows an example CCD layout. The horizontal
register contains 28 dummy pixels, which occur on each line
clocked from the CCD. In the vertical direction, there are
10 optical black (OB) lines at the front of the readout and two at
the back of the readout. The horizontal direction has four OB
pixels in the front and 48 in the back.
To configure the AD9949 horizontal signals for this CCD, three
sequences can be used. Figure 44 shows the first sequence that
should be used during vertical blanking. During this time, there
are no valid OB pixels from the sensor, so the CLPOB signal is
not used. PBLK may be enabled during this time, because no
valid data is available.
Figure 45 shows the recommended sequence for the vertical OB
interval. The clamp signals are used across the whole lines in
order to stabilize the clamp loop of the AD9949.
Figure 46 shows the recommended sequence for the effective
pixel readout. The 48 OB pixels at the end of each line are used
for the CLPOB signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com