Electronic Components Datasheet Search
  English  ▼

X  

RF5216 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5216
Description  Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5216 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF5216 Datasheet HTML 5Page - RF Micro Devices RF5216 Datasheet HTML 6Page - RF Micro Devices RF5216 Datasheet HTML 7Page - RF Micro Devices RF5216 Datasheet HTML 8Page - RF Micro Devices RF5216 Datasheet HTML 9Page - RF Micro Devices RF5216 Datasheet HTML 10Page - RF Micro Devices RF5216 Datasheet HTML 11Page - RF Micro Devices RF5216 Datasheet HTML 12Page - RF Micro Devices RF5216 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20151001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 22
RF5216
Parameter
Specification
Unit
Condition
Min
Typ
Max
Switch, High Bands (ULL-TRX)
Nominal test conditions unless otherwise stated; All
unused ports terminated in 50
Ω; Logic State given in
condition; VBATT=3.5V; PIN=-6dBm; TA=+25°C; Duty
Cycle=100%.
Frequency
2300
2690
MHz
Insertion Loss, TRXn - ANT
1.1
dB
TRX3, TRX4, TRX5, TRX8, TRX9 (See note 1)
Input VSWR, TRXn - ANT
1.0
-
1.5
X:1
Isolation, Any ULL-TRX Port
25
dB
from active ULL-TRX to any off TRX
Isolation, TRX4 and TRX5
25
dB
from active TRX4 or TRX5 to any off TRX (adjacent ports)
Isolation, Any Other ULL-TRX Port
20
dB
from active ULL-TRX to any off TRX (adjacent ports)
IMD2, Any ULL-TRX Port
-105
dBm
TX=+20dBm, Blocker=-15dBm
IMD3, Any ULL-TRX Port
-105
dBm
TX=+20dBm, Blocker=-15dBm
IMD3, TRX8
-95
dBm
TX (2550MHz) =+24dBm, Blocker (2430MHz) =+2dBm
Harmonic, 2fo
-55
dBm
Input Power=27dBm
Harmonic, 3fo
-55
dBm
Triple Beat Ratio
81
85
dBc
Note 1: For optimal Insertion Loss on ULL ports, Input Matching Return Loss must be greater than -20 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com