Electronic Components Datasheet Search
  English  ▼

X  

RF5216 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF5216
Description  Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5216 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF5216 Datasheet HTML 10Page - RF Micro Devices RF5216 Datasheet HTML 11Page - RF Micro Devices RF5216 Datasheet HTML 12Page - RF Micro Devices RF5216 Datasheet HTML 13Page - RF Micro Devices RF5216 Datasheet HTML 14Page - RF Micro Devices RF5216 Datasheet HTML 15Page - RF Micro Devices RF5216 Datasheet HTML 16Page - RF Micro Devices RF5216 Datasheet HTML 17Page - RF Micro Devices RF5216 Datasheet HTML 18Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20151001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
14 of 22
RF5216
Pin Names and Descriptions
Pin
Name
Description
1
GND
Pin connected to module ground.
2
RFIN_L
RF input to the GSM850/EGSM900 bands. This is a 50 Ω input.
3
RFIN_H
RF input to the DCS1800/PCS1900 bands. This is a 50
Ω input.
4
GND
Pin connected to module ground.
5
SCLK
Serial interface clock input signal, an R/C filter of 100ohm/20pF is required for better noise performance.
6
SDATA
Serial interface data I/O signal.
7
VIO
Supply voltage for the MIPI RFFE serial interface.
8
VRAMP
Power control signal from DAC. A simple RC filter is integrated and may not require additional filtering
depending on the baseband selected.
9
VCC
Main DC power supply for the power amplifier circuitry in the module. Traces running to this pin will have
high current pulses during transmit operation. Proper decoupling and routing to handle this condition should
be observed.
10
VBATT
Supply voltage for bias circuitry.
11,12,13,14,15,16
GND
Pin connected to module ground.
17
CPL_O
Coupler output port.
18
GND
Pin connected to module ground.
19
NC
Pin not connected.
20,21
GND
Pin connected to module ground.
22
ANT
Bidirectional RF port. This is the common port of the antenna switch. An inductor makes this port appear as
a DC short to ground.
23
GND
Pin connected to module ground.
24
TRX14
External circuitry must maintain zero volts on this port.
25
TRX13
External circuitry must maintain zero volts on this port.
26
TRX12
External circuitry must maintain zero volts on this port.
27
TRX11
External circuitry must maintain zero volts on this port.
28
TRX10
External circuitry must maintain zero volts on this port.
29
TRX9
Recommended for High Bands (ULL-TRX). External circuitry must maintain zero volts on this port.
30
TRX8
Recommended for High Bands (ULL-TRX). External circuitry must maintain zero volts on this port.
31
TRX7
External circuitry must maintain zero volts on this port.
32
TRX6
External circuitry must maintain zero volts on this port.
33
TRX5
Recommended for High Bands (ULL-TRX). External circuitry must maintain zero volts on this port.
34
TRX4
Recommended for High Bands (ULL-TRX). External circuitry must maintain zero volts on this port.
35
TRX3
Recommended for High Bands (ULL-TRX). External circuitry must maintain zero volts on this port.
36
TRX2
External circuitry must maintain zero volts on this port.
37
TRX1
External circuitry must maintain zero volts on this port.
38
GND
Pin connected to module ground.
39
GND
Module ground pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com