Electronic Components Datasheet Search
  English  ▼

X  

RF5216 Datasheet(PDF) 19 Page - RF Micro Devices

Part # RF5216
Description  Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5216 Datasheet(HTML) 19 Page - RF Micro Devices

Back Button RF5216 Datasheet HTML 14Page - RF Micro Devices RF5216 Datasheet HTML 15Page - RF Micro Devices RF5216 Datasheet HTML 16Page - RF Micro Devices RF5216 Datasheet HTML 17Page - RF Micro Devices RF5216 Datasheet HTML 18Page - RF Micro Devices RF5216 Datasheet HTML 19Page - RF Micro Devices RF5216 Datasheet HTML 20Page - RF Micro Devices RF5216 Datasheet HTML 21Page - RF Micro Devices RF5216 Datasheet HTML 22Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20151001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
19 of 22
RF5216
Application Schematic
Notes:
-
Suggested decoupling values. Actual requirements may vary with application.
-
An R/C filter of 100ohm/20pF is required on SCLK line for better MIPI noise performance, and place them close to SCLK pin.
-
All RF paths should be designed as 50 ohm microstrip or stripline.
GND
SCLK
RFIN_H
1
GND
GND
GND
GND
2
3
4
5
6
7
8
9
10
11
RFIN_L
SDATA
VIO
VRAMP
VCC/
VPA
VBAT
/VSW
GND
ANT
TRX14
Power Amplifier
And
PA Bias, Mode,
Switch Control
With
MIPI RFFE
21
20
29
28
27
26
25
22
23
24
30
TRX13
TRX12
TRX11
TRX10
TRX9
TRX8
10uF 5.6nF 100pF
10uF 5.6nF 100pF
20pF
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com