Electronic Components Datasheet Search
  English  ▼

X  

RF5216 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5216
Description  Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5216 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5216 Datasheet HTML 1Page - RF Micro Devices RF5216 Datasheet HTML 2Page - RF Micro Devices RF5216 Datasheet HTML 3Page - RF Micro Devices RF5216 Datasheet HTML 4Page - RF Micro Devices RF5216 Datasheet HTML 5Page - RF Micro Devices RF5216 Datasheet HTML 6Page - RF Micro Devices RF5216 Datasheet HTML 7Page - RF Micro Devices RF5216 Datasheet HTML 8Page - RF Micro Devices RF5216 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20151001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 22
RF5216
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit, GSM, High Band
Nominal test conditions unless otherwise stated; All
unused ports terminated in 50
Ω; VCC=VBATT=3.5V;
PIN=3dBm; TA=+25°C; VRAMP=1.8V; Duty Cycle=25%;
Period=4.6ms.
Frequency
1710
1785
MHz
DCS1800 Band
1850
1910
MHz
PCS1900 Band
Input Power (PIN)
-1
3
6
dBm
Input VSWR
2.5
X:1
0
dBm ≤ P
OUT
≤ 31dBm
RF Output Power (POUT), Maximum
31
32
dBm
28.5
dBm
VCC=3.0V to 4.6V; PIN=-1dBm to 6dBm; TA=-30°C to +85°C
RF Output Power Delivered, VSWR
3:1
27.5
dBm
Load VSWR=3:1; all phase angles; VRAMP adjusted for
POUT=31dBm into 50
Ω load
Efficiency (PAE),
31.0dBm
1710-1785MHz
34
%
VRAMP adjusted for POUT=31dBm
1850-1910MHz
32
Peak Supply
Current,
31.0dBm
1710-1785MHz
1060
mA
1850-1910MHz
1120
mA
Harmonic Peak, 2fo
-40
-33
dBm
Harmonic Peak, 3fo
-40
-33
dBm
Harmonic Peak, 4fo to 12.75GHz
-40
-33
dBm
Non-Harmonic Spurious up to
12.75GHz
-40
-36
dBm
0
dBm ≤ P
OUT
≤ 31dBm
Forward Isolation, PA OFF
-50
dBm
PIN=6dBm; VRAMP=0.16V
Noise Power 736MHz to 757MHz
-83
dBm
VRAMP adjusted for POUT=31dBm; RBW=100kHz
Noise Power 757MHz to 763MHz
-82
dBm
Noise Power 869MHz to 894MHz
-95
dBm
Noise Power 925MHz to 935MHz
-95
dBm
Noise Power 935MHz to 960MHz
-95
dBm
Noise Power 1805MHz to 1880MHz
-90
dBm
Noise Power 1930MHz to 1990MHz
-91
dBm
Stability (Spurious), VSWR 10:1
-36
dBm
VSWR=10:1; all phase angles; VRAMP adjusted for
POUT=31dBm into 50
Ω load; VCC=3.0V to 4.6V; P
IN=-1dBm to
6dBm; TA=-30°C to +85°C; RBW=3MHz
Ruggedness, VSWR 20:1
No damage or permanent degradation
to device
VSWR=20:1; all phase angles; VRAMP adjusted for
POUT=31dBm into 50
Ω load; VCC=3.0V to 4.6V; P
IN=-1dBm to
6dBm; TA=-30°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com