Electronic Components Datasheet Search
  English  ▼

X  

RF5216 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF5216
Description  Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5216 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF5216 Datasheet HTML 8Page - RF Micro Devices RF5216 Datasheet HTML 9Page - RF Micro Devices RF5216 Datasheet HTML 10Page - RF Micro Devices RF5216 Datasheet HTML 11Page - RF Micro Devices RF5216 Datasheet HTML 12Page - RF Micro Devices RF5216 Datasheet HTML 13Page - RF Micro Devices RF5216 Datasheet HTML 14Page - RF Micro Devices RF5216 Datasheet HTML 15Page - RF Micro Devices RF5216 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20151001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
12 of 22
RF5216
MIPI
Location
Bit Name
Default
Description
R/W
Broadcast
ID support
Trigger
support
Reg1A[3]
DATA_FRAME_PARITY_ERR
0
Data Frame received with a parity error
R/W
N
N
Reg1A[2]
READ_UNUSED_REG
0
Read Command Sequence received with an
invalid address
R/W
N
N
Reg1A[1]
WRITE_UNUSED_REG
0
Write Command Sequence received with an
invalid address
R/W
N
N
Reg1A[0]
BID_GID_ERR
0
Read Command Sequence received with a
BROADCAST_ID or GROUP_SID.
R/W
N
N
Register 1Bh (11011b) – Group Slave ID
MIPI
Location
Bit Name
Default
Description
R/W
Broadcast
ID support
Trigger
support
Reg1B[7:4]
RESERVED
0000
Reserved
R
N
N
Reg1B[3:0]
GSID[3:0]
0000
Group Slave ID
R/W
N
N
Register 1Ch (11100b) – Power Mode Trigger
MIPI
Location
Bit Name
Default
Description
R/W
Broadcast
ID support
Trigger
support
Reg1C[7:6]
PWR_MODE[7:6]
00
00: ACTIVE – Normal Operation
01: STARTUP – Reset all registers to default settings
10: LOW POWER – Retain register values, Band-Gap
off
11: Reserved
Note: Setting PWR_MODE to STARTUP is identical to
a hardware reset initiated by the VIO signal.
R/W
Y
N
Reg1C[5]
Trigger_Mask_2
0
If this bit is set, trigger 2 is disabled. When all triggers
are disabled, if writing to a register that is associated
with trigger 2, the data goes directly to the destination
register.
R/W
N
N
Reg1C[4]
Trigger_Mask_1
0
If this bit is set, trigger 1 is disabled. When all triggers
are disabled, if writing to a register that is associated
with trigger 1, the data goes directly to the destination
register.
R/W
N
N
Reg1C[3]
Trigger_Mask_0
0
If this bit is set, trigger 0 is disabled. When all triggers
are disabled, if writing to a register that is associated
with trigger 0, the data goes directly to the destination
register.
R/W
N
N
Reg1C[2]
Trigger_2
0
A write of a 1 to this bit loads trigger 2’s registers.
R/W
Y
N
Reg1C[1]
Trigger_1
0
A write of a 1 to this bit loads trigger 1’s registers.
R/W
Y
N
Reg1C[0]
Trigger_0
0
A write of a 1 to this bit loads trigger 0’s registers.
R/W
Y
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com