Electronic Components Datasheet Search
  English  ▼

X  

RF5216 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5216
Description  Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5216 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5216 Datasheet HTML 2Page - RF Micro Devices RF5216 Datasheet HTML 3Page - RF Micro Devices RF5216 Datasheet HTML 4Page - RF Micro Devices RF5216 Datasheet HTML 5Page - RF Micro Devices RF5216 Datasheet HTML 6Page - RF Micro Devices RF5216 Datasheet HTML 7Page - RF Micro Devices RF5216 Datasheet HTML 8Page - RF Micro Devices RF5216 Datasheet HTML 9Page - RF Micro Devices RF5216 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20151001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 22
RF5216
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit, EDGE, High Band
Nominal test conditions unless otherwise stated; All
unused ports terminated in 50
Ω; VCC=VBATT=3.5V;
POUT=26.5dBm; TA=+25°C; Duty Cycle=25%;
Period=4.6ms.
Frequency
1710
1785
MHz
DCS1800 Band
1850
1910
MHz
PCS1900 Band
Input VSWR
2.5
X:1
Linear Output Power (POUT)
26.5
27
dBm
25
dBm
VCC=3.2V to 4.6V; TA=-30°C to +85°C
Gain
30.5
33
34.5
dB
Peak Supply Current
680
mA
Efficiency (PAE)
18
%
Modulation Spectrum 200kHz offset
-33
dBc
POUT=26.5dBm
Modulation Spectrum 400kHz offset
-58
dBc
Modulation Spectrum 600kHz offset
-65
dBc
EVM Peak
12
%
EVM RMS
3
5
%
Noise Power 736MHz to 757MHz
-83
dBm
0
dBm ≤ P
OUT
≤ 26.5dBm; RBW=100kHz
Noise Power 757MHz to 763MHz
-81
dBm
Noise Power 869MHz to 894MHz
-90
dBm
Noise Power 925MHz to 935MHz
-90
dBm
Noise Power 935MHz to 960MHz
-90
dBm
Noise Power 1805MHz to 1880MHz
-83
dBm
Noise Power 1930MHz to 1990MHz
-85
dBm
Stability (Spurious), VSWR 10:1
-36
dBm
VSWR=10:1; all phase angles; PIN adjusted for POUT=26.5dBm
into 50Ω load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com