Electronic Components Datasheet Search
  English  ▼

X  

RF5216 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5216
Description  Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5216 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5216 Datasheet HTML 1Page - RF Micro Devices RF5216 Datasheet HTML 2Page - RF Micro Devices RF5216 Datasheet HTML 3Page - RF Micro Devices RF5216 Datasheet HTML 4Page - RF Micro Devices RF5216 Datasheet HTML 5Page - RF Micro Devices RF5216 Datasheet HTML 6Page - RF Micro Devices RF5216 Datasheet HTML 7Page - RF Micro Devices RF5216 Datasheet HTML 8Page - RF Micro Devices RF5216 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20151001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 22
RF5216
Quad-Band GSM, Linear EDGE Transmit Module with
Fourteen High Linearity TRX Switch Ports
The RF5216 is a quad-band GSM/GPRS, linear EDGE transmit
module with fourteen transmit and receive RF switch ports using a
MIPI RFFE interface for PA and switch controls. The power
amplifier supports GSM and EDGE Class 12 transmit in the
GSM850, GSM900, DCS1800, and PCS1900 bands. The fourteen
switch ports are UMTS and LTE transmit and receive capable and
may be used for GSM and EDGE receive ports.
Functional Block Diagram
Ordering Information
RF5216PCK-410
Evaluation Board Sample Kit
RF5216SB
Sample bag with 5 pieces
RF5216TR7
7" Reel with 750 pieces
RF5216TR13-5K
13" Reel with 5000 pieces
RF5216DK
Design Kit, RF5216PCK-410+ RD2000 Communication Board
Package: Module, 38-pin,
5.30mm x 5.50mm x 0.78mm
Features
■ GSM and Linear EDGE Transmit
■ Fourteen High Linearity TRX Ports
■ MIPI RFFE Digital Control
■ Low RF Switch Port Loss
■ Few External Components
Required
■ 8kV ESD Protection in a Handset
Application
■ -1dBm to 6dBm Drive Level
Applications
■ WEDGE Handsets and Connected
Devices
■ GSM and Linear EDGE Uplink
Plus Multiband 3G and 4G
Basic MIPI RFFE Registers
MIPI
Location
Bit
Name
Default
Value (hex)
Reg. 1D
Product_ID [7:0]
DD
Reg. 1E
Mfr_ID [7:0]
34
Reg. 1F
USID [3:0]
F
GND
SCLK
RFIN_H
1
GND
GND
GND
GND
2
3
4
5
6
7
8
9
10
11
RFIN_L
SDATA
VIO
VRAMP
VCC/VPA
VBAT/VSW
GND
ANT
TRX14
Power Amplifier
And
PA Bias, Mode,
Switch Control
With
MIPI RFFE
21
20
29
28
27
26
25
22
23
24
30
TRX13
TRX12
TRX11
TRX10
TRX9
TRX8
RF5216


Similar Part No. - RF5216

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5222PCBA-41X RFMD-RF5222PCBA-41X Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5263 RFMD-RF5263 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
RF5263WBPCK-410 RFMD-RF5263WBPCK-410 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
RF5263WLPCK-410 RFMD-RF5263WLPCK-410 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5216

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM6M5001 TRIQUINT-TQM6M5001 Datasheet
54Kb / 1P
3V Quad-Band GSM/EDGE 850/900 DCS/PCS Transmit Module
logo
Skyworks Solutions Inc.
SKY77910 SKYWORKS-SKY77910_11 Datasheet
91Kb / 2P
Eight low insertion loss - high linearity TRx switch ports
SKY77927-11 SKYWORKS-SKY77927-11 Datasheet
195Kb / 2P
Tx-Rx Front-End Module for Quad-Band GSM / GPRS / EDGE w/ 16 Linear TRx Switch Ports ?밆ual-Band TD-SCDMA, TDD LTE Band 39
SKY77928-11 SKYWORKS-SKY77928-11 Datasheet
207Kb / 2P
Tx-Rx Front-End Module for Quad-Band GSM / GPRS / EDGE w/ 16 Linear TRx Switch Ports-Dual-Band TD-SCDMA, TDD LTE Band 39-Dual Antenna
SKY77912-21 SKYWORKS-SKY77912-21 Datasheet
90Kb / 2P
Tx-Rx Front-End Module for Quad-Band GSM / GPRS / EDGE w/ 10 Linear TRx Switch Ports, Dual-Band TD-SCDMA, and TDD LTE Band 39
SKY77916-11 SKYWORKS-SKY77916-11 Datasheet
96Kb / 2P
Tx-Rx FEM for Quad-Band GSM /GPRS / EDGE w/ 14 Linear TRx Switch Ports, Dual-Band TD-SCDMA, and TDD LTE Band 39
SKY77916-21 SKYWORKS-SKY77916-21 Datasheet
91Kb / 2P
Tx-Rx Front-End Module for Quad-Band GSM /GPRS / EDGE w/ 14 Linear TRx Switch Ports, Dual-Band TD-SCDMA, and TDD LTE Band 39
logo
Qorvo, Inc
QM57508 QORVO-QM57508 Datasheet
1Mb / 35P
Quad-Band GSM, Linear EDGE Transmit Module with Sixteen Dedicated High Linearity TRX Switch Ports
RF3241 QORVO-RF3241 Datasheet
1Mb / 17P
Quad-Band GSM, Polar EDGE Transmit Module, Six UMTS TRX Switch Ports
RF3235 QORVO-RF3235 Datasheet
188Kb / 2P
QUAD-BAND GSM/GPRS Tx MODULE WITH UMTS TRANSMIT/RECEIVE PORTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com