Electronic Components Datasheet Search
  English  ▼

X  

RF5216 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5216
Description  Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5216 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5216 Datasheet HTML 7Page - RF Micro Devices RF5216 Datasheet HTML 8Page - RF Micro Devices RF5216 Datasheet HTML 9Page - RF Micro Devices RF5216 Datasheet HTML 10Page - RF Micro Devices RF5216 Datasheet HTML 11Page - RF Micro Devices RF5216 Datasheet HTML 12Page - RF Micro Devices RF5216 Datasheet HTML 13Page - RF Micro Devices RF5216 Datasheet HTML 14Page - RF Micro Devices RF5216 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20151001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
11 of 22
RF5216
MIPI RFFE Control Register Logic Tables
Register 00h (00000b): Module Control Logic Definitions
MIPI
Location
Bit Name
Default
Description
R/W
Broadcast
ID support
Trigger
support
Reg00[7:3]
RF_MODE
_ CTRL
00000
0 0 0 0 0 : Sleep All circuits off
0 0 0 0 1 : TRX1 to ANT path is active. Power amplifier is off.
0 0 0 1 0 : TRX2 to ANT path is active. Power amplifier is off.
0 0 0 1 1 : TRX3 to ANT path is active. Power amplifier is off.
0 0 1 0 0 : TRX4 to ANT path is active. Power amplifier is off.
0 0 1 0 1 : TRX5 to ANT path is active. Power amplifier is off.
0 0 1 1 0 : TRX6 to ANT path is active. Power amplifier is off.
0 0 1 1 1 : TRX7 to ANT path is active. Power amplifier is off.
0 1 0 0 0 : TRX8 to ANT path is active. Power amplifier is off.
0 1 0 0 1 : TRX9 to ANT path is active. Power amplifier is off.
0 1 0 1 0 : TRX10 to ANT path is active. Power amplifier is off.
0 1 0 1 1 : TRX11 to ANT path is active. Power amplifier is off.
0 1 1 0 0 : TRX12 to ANT path is active. Power amplifier is off.
0 1 1 0 1 : TRX13 to ANT path is active. Power amplifier is off.
0 1 1 1 0 : TRX14 to ANT path is active. Power amplifier is off.
1 0 0 0 0 : TX_LB_GSM Low Band power amplifier active,
Saturated mode (VRAMP power control).
1 0 0 0 1 : TX_HB_GSM High Band power amplifier active,
Saturated mode (VRAMP power control).
1 0 0 1 0 : TX_LB_EDGE Low Band power amplifier active, Linear
mode (RFIN power control).
1 0 1 0 0 : TX_HB_EDGE High Band power amplifier active, Linear
mode (RFIN power control).
All other settings : Sleep All circuits off.
R/W
N
T012
Reg00[2]
ENABLE
0
1: PA and/or switch enabled depending on RF_MODE_CTRL
0: PA and switch power supplies disabled; low-power mode
R/W
N
T012
Reg00[1:0]
FREQ
00
Frequency control of the switch and coupler.
11: HB
10: MB
01: LB
00: Coupler Off
R/W
N
T012
Register 1Ah (11010b) – RFFE Status
MIPI
Location
Bit Name
Default
Description
R/W
Broadcast
ID support
Trigger
support
Reg1A[7]
SOFTWARE RESET
0
Setting this bit initiates a software reset
Note: On software reset, this register and all
configurable registers are reset except for
USID, GSID, and PM_TRIG. This bit will
always read as 0.
R/W
N
N
Reg1A[6]
COMMAND_FRAME_PARITY_ERR
0
Command sequence received with parity
error – discard command
R/W
N
N
Reg1A[5]
COMMAND_LENGTH_ERR
0
Command Sequence received with an
incorrect length
R/W
N
N
Reg1A[4]
ADDRESS_FRAME_PARITY_ERR
0
Address Frame received with a parity error
R/W
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com