Electronic Components Datasheet Search
  English  ▼

X  

RF5216 Datasheet(PDF) 18 Page - RF Micro Devices

Part # RF5216
Description  Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5216 Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RF5216 Datasheet HTML 14Page - RF Micro Devices RF5216 Datasheet HTML 15Page - RF Micro Devices RF5216 Datasheet HTML 16Page - RF Micro Devices RF5216 Datasheet HTML 17Page - RF Micro Devices RF5216 Datasheet HTML 18Page - RF Micro Devices RF5216 Datasheet HTML 19Page - RF Micro Devices RF5216 Datasheet HTML 20Page - RF Micro Devices RF5216 Datasheet HTML 21Page - RF Micro Devices RF5216 Datasheet HTML 22Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20151001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
18 of 22
RF5216
Evaluation Board Schematic
Note: EVB is for general applications. For RF5216, Pin4 is a GND pin and Pin19 is an NC/GND pin.
Evaluation Board Bill of Materials (BOM)
Description
Reference Designator
Manufacturer
Manufacturer's P/N
CAP, 10pF, 5%, 25V, C0G, 0201
C3, C5, C6, C8
AVX/KYOCERA ASIA LTD.
02013A100JAT2A
CAP, 20pF, 5%, 25V, C0G, 0201
C4
TDK Corporation of America
C0603C0G1E200JT00NN
5600 PF,10%,X7R,LF,0402, 25V
C7, C9
Murata Electronics
GRM155R71E562KA01D
CAP, 100pF, 5%, 25V, C0G, 0201
C10, C14
Taiyo Yuden (USA), Inc.
RM TMK063 CG101JT-F
CAP, 10uF, 10%, 6.3V, X5R, 0805
C13
Taiyo Yuden (USA), Inc.
CE JMK212BJ106KG-T
CAP, 100uF, 20%, 10V, TANT-D
C15, C16
AVX Corporation
TAJD107M010RNJ
CAP, 10uF, 10%, 10V, X5R, 0805
C19, C20
Murata Electronics
GRM21BR61A106KE19L
CONN, SMA, EL FLT VIPER, MAT-21-1038
J1 thru J18
Amphenol RF Asia Corp
901-10425
CONN, HDR, ST, PLRZD, 14-PIN
P1
ITW Pancon
MPSS100-7-C
RES, 0 OHM, 0402
R1, R2, R7, R8
Kamaya, Inc
RMC1/16SJPTH
RES, 1K, 5%, 1/20W, 0201
R3, R9
Kamaya, Inc
RMC1/20-102JPA15
RES, 100 OHM, 5%, 1/20W, 0201
R4
Kamaya, Inc
RMC1/20-101JPA15
RES, 49.9 OHM, 1%, 1/20W, 0201
R5, R6
Kamaya, Inc
RMC1/20-49R9FPA15
DUT
U1
RFMD, Inc.
RF5216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com