Electronic Components Datasheet Search
  English  ▼

X  

RF5216 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF5216
Description  Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5216 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF5216 Datasheet HTML 6Page - RF Micro Devices RF5216 Datasheet HTML 7Page - RF Micro Devices RF5216 Datasheet HTML 8Page - RF Micro Devices RF5216 Datasheet HTML 9Page - RF Micro Devices RF5216 Datasheet HTML 10Page - RF Micro Devices RF5216 Datasheet HTML 11Page - RF Micro Devices RF5216 Datasheet HTML 12Page - RF Micro Devices RF5216 Datasheet HTML 13Page - RF Micro Devices RF5216 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20151001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
10 of 22
RF5216
Parameter
Specification
Unit
Condition
Min
Typ
Max
Directional Coupler
Nominal test conditions unless otherwise stated; All
unused ports terminated in 50
Ω; Logic State given in
condition; VBATT=3.5V; PIN=-6dBm; TA=+25°C; Duty
Cycle=100%.
Frequency
699
2690
MHz
Coupling Factor
699-1300MHz
20-24
dB
At CPL_OUT over temperature and frequency (internally CPL_IN
t
erminated with 50Ω)
1700-2300MHz
20-24
2300-2700MHz
26-28
(CPL_OUT/P_OUT) power ratio
variation over output VSWR
±0.50
dB
2.5:1 VSWR at PA output all phases, -
30°C≤T
A
≤+85°C
Coupler Directivity
20
dB
Refer to Pin Names and Descriptions on page 29.
Coupler Impedance
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com