Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 115 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 111Page - NXP Semiconductors S32K310 Datasheet HTML 112Page - NXP Semiconductors S32K310 Datasheet HTML 113Page - NXP Semiconductors S32K310 Datasheet HTML 114Page - NXP Semiconductors S32K310 Datasheet HTML 115Page - NXP Semiconductors S32K310 Datasheet HTML 116Page - NXP Semiconductors S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors S32K310 Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 143 page
background image
Table 62. uSDHC SDR electrical specifications (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tTHL
Clock fall time 1,4
—
—
4
ns
Medium/Fast pad
SD5
tTHL
Clock fall time 1,4
—
—
8
ns
Standard plus/Medium
pad
SD5
tOD
SDHC output delay
(output valid) 1
-5.6
—
2.6
ns
fpp= 50 MHz, SDHC_
CLK to SDHC_DAT
SD6
tOD
SDHC output delay
(output valid) 1
-5.6
—
10.64
ns
fpp= 25 MHz, 400 KHz,
SDHC_CLK to SDHC_
CMD / SDHC_DAT
SD6
tOD
SDHC output delay
(output valid) 1
-5.6
—
3.1
ns
fpp= 50 MHz, SDHC_
CLK to SDHC_CMD
SD6
tISU
SDHC Input setup
time
6.3
—
—
ns
fpp= 25 MHz, 400 KHz,
SDHC_CMD / SDHC_
DAT to SDHC_CLK
—
tISU
SDHC Input setup
time
4.8
—
—
ns
fpp= 50 MHz, SDHC_
CMD / SDHC_DAT to
SDHC_CLK
SD7
tIH
SDHC Input hold
time
2
—
—
ns
SDHC_CLK to SDHC_
CMD / SDHC_DAT
SD8
1. Output timing valid for maximum external load CL = 25pF, which is assumed to be a 10pF load at the end of a 50Ohm,
un-terminated, 3.5 inch microstrip trace on standard FR4 (1.5pF/inch), (25pF total with margin).
2. In normal (full) speed mode for SD/SDIO card, clock frequency can be any value between 0–25 MHz. In high-speed
mode, clock frequency can be any value between 0–50 MHz.
3. In normal (full) speed mode for MMC card, clock frequency can be any value between 0–25 MHz. In high-speed mode,
clock frequency can be any value between 0–50 MHz.
4. The SDHC_CLK rise/fall time specification applies to the input clock transition required in order to meet the output delay
specifications. SDHC_CLK output transition time is dependent on output load and GPIO pad drive strength. See the GPIO
pad specifications for detail.
SD4
SD5
SDx_CLK
Output from uSDHC to card
SDx_DATA[7:0]
Input from card to uSDHC
SDx_DATA[7:0]
SD3
SD2
SD6
SD7
SD8
SD1
Figure 60. SD/eMMC4.3 High Speed Mode Interface Timing
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
115 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com