Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 119 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 115Page - NXP Semiconductors S32K310 Datasheet HTML 116Page - NXP Semiconductors S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors S32K310 Datasheet HTML 119Page - NXP Semiconductors S32K310 Datasheet HTML 120Page - NXP Semiconductors S32K310 Datasheet HTML 121Page - NXP Semiconductors S32K310 Datasheet HTML 122Page - NXP Semiconductors S32K310 Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 143 page
background image
S2
S4
S4
S3
S3
SWD_CLK (input)
Figure 63. SWD Input Clock Timing
S12
SWD_CLK
SWD_DIO
SWD_DIO
SWD_DIO
Input data valid
Output data valid
S9
S10
S13
S11
Figure 64. SWD Output Data Timing
13.3 JTAG electrical specifications
The following table describes the JTAG electrical characteristics. These specifications apply to JTAG and boundary scan.
Measurements are with maximum output load of 30pF, input transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b0.
Table 66. JTAG electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tJCYC
TCK cycle time 1,2
30
—
—
ns
—
1
tJDC
TCK clock pulse
width
40
—
60
%
—
2
tTCKRISE
TCK rise/fall times
(40%-70%)
—
—
1
ns
—
3
tTMSS, tTDIS
TMS, TDI data setup
time
5
—
—
ns
—
4
tTMSH, tTDIH
TMS, TDI data hold
time
5
—
—
ns
—
5
tTDOV
TCK low to TDO
data valid 3
—
—
22
ns
—
6
tTDOI
TCK low to TDO
data invalid
0
—
—
ns
—
7
Table continues on the next page...
NXP Semiconductors
Debug modules
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
119 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com