Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 118 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 114Page - NXP Semiconductors S32K310 Datasheet HTML 115Page - NXP Semiconductors S32K310 Datasheet HTML 116Page - NXP Semiconductors S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors S32K310 Datasheet HTML 119Page - NXP Semiconductors S32K310 Datasheet HTML 120Page - NXP Semiconductors S32K310 Datasheet HTML 121Page - NXP Semiconductors S32K310 Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 143 page
background image
Figure 62. Trace CLKOUT specifications
13.2 SWD electrical specifications
The following table describes the SWD electrical characteristics. Measurements are with maximum output load of 30pF, input
transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b0.
Table 65. SWD electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
S1
SWD_CLK
frequency
—
—
33
MHz
—
S1
S2
SWD_CLK cycle
period
1 / S1
—
—
ns
—
S2
S3
SWD_CLK pulse
width
40
—
60
%
—
S3
S4
SWD_CLK rise and
fall times
—
—
1
ns
—
S4
S9
SWD_DIO input
data setup time to
SWD_CLK rise
5
—
—
ns
—
S9
S10
SWD_DIO input
data hold time
after SWD_CLK
rising edge
5
—
—
ns
—
S10
S11
SWD_CLK high to
SWD_DIO output
data valid
—
—
22
ns
—
S11
S12
SWD_CLK high to
SWD_DIO output
data hi-Z
—
—
22
ns
—
S12
S13
SWD_CLK high to
SWD_DIO output
data invalid
0
—
—
ns
—
S13
NXP Semiconductors
Debug modules
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
118 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com