Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 116 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 112Page - NXP Semiconductors S32K310 Datasheet HTML 113Page - NXP Semiconductors S32K310 Datasheet HTML 114Page - NXP Semiconductors S32K310 Datasheet HTML 115Page - NXP Semiconductors S32K310 Datasheet HTML 116Page - NXP Semiconductors S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors S32K310 Datasheet HTML 119Page - NXP Semiconductors S32K310 Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 143 page
background image
12.10.2 uSDHC DDR electrical specifications
The following table describes the uSDHC electrical characteristics. Measurements are with maximum output load of
25pF, input transition of 1ns (20%/80%) and pad configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from
2.97 V to 3.63 V. Valid pin combinations to be referred from K3xx*_Use sheet in IOmux.
Data transitions measured at 25%/62.5% at 3.3V for the write path. Data transitions measured at mid-supply for the read path.
Clock transitions measured at mid-supply.
Table 63. uSDHC DDR electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fpp
Clock frequency
(eMMC4.4/4.41
DDR) 1
—
—
50
MHz
Medium/Fast pad
SD1
tWL
Clock low time
6
—
—
ns
Medium/Fast pad
—
tWH
Clock high time
6
—
—
ns
Medium/Fast pad
—
tTLH
Clock rise time 1,2
—
—
4
ns
Medium/Fast pad
—
tTHL
Clock fall time 1,2
—
—
4
ns
Medium/Fast pad
—
tOD
SDHC output delay
(output valid) 1
2.7
—
6.53
ns
SDHC_CLK to SDHC_
DAT
SD2
tOD
SDHC output delay
(output valid) 1
-5.6
—
2.6
ns
SDHC_CLK to SDHC_
CMD
SD6
(See
SDR
figure)
tISU
SDHC Input setup
time
1.6
—
—
ns
SDHC_DAT to SDHC_
CLK
SD3
tISU
SDHC Input setup
time
4.8
—
—
ns
SDHC_CMD to SDHC_
CLK
SD7
(See
SDR
figure)
tIH
SDHC Input hold
time
1.5
—
—
ns
SDHC_CLK to SDHC_
DAT
SD4
tIH
SDHC Input hold
time
1.5
—
—
ns
SDHC_CLK to SDHC_
CMD
SD8
(See
SDR
figure)
1. Output timing valid for maximum external load CL = 25pF, which is assumed to be a 10pF load at the end of a 50Ohm,
un-terminated, 3.5 inch microstrip trace on standard FR4 (1.5pF/inch), (25pF total with margin).
2. The SDHC_CLK rise/fall time specification applies to the input clock transition required in order to meet the output delay
specifications. SDHC_CLK output transition time is dependent on output load and GPIO pad drive strength. See the GPIO
pad specifications for detail.
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
116 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com