Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 33 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD4080 Datasheet HTML 29Page - Analog Devices AD4080 Datasheet HTML 30Page - Analog Devices AD4080 Datasheet HTML 31Page - Analog Devices AD4080 Datasheet HTML 32Page - Analog Devices AD4080 Datasheet HTML 33Page - Analog Devices AD4080 Datasheet HTML 34Page - Analog Devices AD4080 Datasheet HTML 35Page - Analog Devices AD4080 Datasheet HTML 36Page - Analog Devices AD4080 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 95 page
background image
Data Sheet
AD4080
DIGITAL INTERFACE
analog.com
Rev. 0 | 33 of 95
Table 14. Configuration Memory Controller Options Summary (Continued)
Interface Option
Description
Loop Count (LOOP_COUNT)
Sets the data byte count before looping to the start address. When streaming data, a nonzero value sets the number of data bytes written
before the address loops back to the start address. A maximum of 255 bytes can be written using this approach. A value of 0x00 disables
the loop back so that addressing wraps around at the upper and lower limits of the memory. After writing this register, the loop value applies
only to the following SPI instruction and auto clears upon the end of that instruction.
Instruction Phase
An instruction phase immediately follows the assertion of the CS
pin (Logic 0) and is terminated by transmission of a complete
instruction packet or deassertion of CS. The instruction packet
starts with a single command bit indicating the operation type (Logic
1 for read, and Logic 0 for write), which is then followed by the start
address for the operation. By default, the address is 15-bit long,
but the data interface has an optional short instruction mode, in
which, it is reduced to 7 bits. The short instruction mode is enabled
by setting the SHORT_INSTRUCTION bit = 1 in the Interface
Configuration B register (see the Interface Configuration B Register
section, Address 0x01).
Data Phase
Each instruction phase is immediately followed by an associated
data phase, during which data is either shifted out of the serial
data output (SDO) on the falling edge of SCLK (read access) or
is shifted into the device configuration memory through SDI on
the rising edge of SCLK (write access). The minimum size of the
data payload is defined as a single byte; however, it can include
multiple bytes depending on the depth of the register addressed
and the interface configuration settings for the SINGLE_INST and
STRICT_REGISTER_ACCESS bits (Register 0x01, Bit 7, and Reg-
ister 0x10, Bit 5, respectively.
Write Access
When CS is forced low, a new serial instruction phase begins.
The first bit sent in the instruction phase is the command bit, and
when it is forced low (Logic 0) this indicates a write operation. The
command bit is followed by an address that, for the write operation,
indicates where the information received in the subsequent data
phase will be stored. As previously described in the Instruction
Phase section, the address has a default length of 15 bits, but the
address can be optionally shortened to 7 bits.
Following the instruction phase, an integer number of bytes contain-
ing the data payload for one or more registers in the configuration
memory are transmitted to the AD4080. The size of the payload
in this data phase is bounded by the selected SINGLE_INST and
STRICT_REGISTER_ACCESS interface options as described in
the Strict Access Selection and Multibyte Registers section. Each
data byte is loaded into the addressed register as it is received,
assuming the interface CRC is disabled. If the CRC is enabled,
however, the addressed data register is only loaded if the internally
computed checksum matches the CRC value received from the
host. In the event that the computed CRC and received checksum
from the host for a given entity are inconsistent, the register update
terminates and all subsequent data in the given frame is treated
as invalid as well. The checksum computation for the interface
CRC function is described in detail in the Configuration Cyclical
Redundancy Check (CRC) section.
Note that, during the data phase of a write operation, the SDO
output is driven to Logic 0 when the product is not reporting the
latest CRC checksum to ensure a valid data state is presented to
the host controllers SDI pin.
Read Access
The SPI enables read access to the configuration registers to
validate previous configuration writes, read the device identification,
or verify the interface status.
When CS is forced low, a new serial instruction phase begins.
The first bit sent in the instruction phase is the command bit, and
when it is forced high (Logic 1) this indicates a read operation.
The command bit is followed by an address that, for the read
operation, indicates the start address for the register space to be
accessed. As previously described in the Instruction Phase section,
the address has a default length of 15 bits, but the address can be
optionally shortened to 7 bits.
During the subsequent data phase, content from the addressed
register space is shifted out, MSB first, on the SDO line on the
falling edge of SCLK. The number of bytes transmitted in any
one data frame is determined by the interface configuration set-
ting selections for the SHORT_INSTRUCTION and STRICT_REG-
ISTER_ACCESS options as demonstrated in the examples shown
in the Instruction Mode Selection section and the Strict Access
Selection and Multibyte Registers section.
Instruction Mode Selection
The configuration interface memory controller defaults to streaming
mode upon power up (SINGLE_INST = 0). In streaming mode, mul-
tiple, contiguous registers are accessed in a single SPI frame, start-
ing at the address specified in the instruction phase. In streaming
mode, only one instruction phase is permitted per SPI frame, requir-
ing a new SPI frame be initiated for changing access commands
or otherwise access a noncontiguous address in the register space.
For each byte transferred during the subsequent data phase, the
internal address counter is automatically updated according to the
setting of the ADDR_ASCENSION bit in the Interface Configuration
A register (see the Interface Configuration A Register section), in
the way specified by Table 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com