Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 30 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD4080 Datasheet HTML 26Page - Analog Devices AD4080 Datasheet HTML 27Page - Analog Devices AD4080 Datasheet HTML 28Page - Analog Devices AD4080 Datasheet HTML 29Page - Analog Devices AD4080 Datasheet HTML 30Page - Analog Devices AD4080 Datasheet HTML 31Page - Analog Devices AD4080 Datasheet HTML 32Page - Analog Devices AD4080 Datasheet HTML 33Page - Analog Devices AD4080 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 95 page
background image
Data Sheet
AD4080
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 30 of 95
are not available for alignment, the ADC Result Latency and LVDS
Interface Alignment section describes how the INTF_CHK_EN bit
(Address 0x15, Bit 4) can be enabled to help align the host control-
ler to data and to mitigate against any system propagation delays.
Figure 46. Single Lane, LVDS Data Interface Clocking Example
Figure 47. Dual Lane, LVDS Data Interface Clocking Example
In cases where the SPI data interface (see the SPI Data Interface
section) is used to access conversion results from the result FIFO
(see the Result FIFO section) again, it is important that the CNV
source jitter is carefully considered to achieve the required perform-
ance. In the case shown in the SPI data interface clocking example
(see Figure 48) , an oscillator directly provides the conversion
clock, and the data is asynchronously clocked from the FIFO by
a microcontroller unit (MCU). Optionally, as shown in Figure 48,
the general-purpose input and output pins can be configured to
control the result FIFO operation (see the GPIO Pins section and
the Result FIFO section).
Figure 48. SPI Data Interface Clocking Example
POWER SOLUTION
With such low noise and up to a 40 MHz sampling rate, it is
important that careful consideration is taken for the power solution
of applications to ensure that the low noise supplies provided to the
AD4080 do not become a source of performance or accuracy deg-
radation. To aid ease of use and to help reduce external required
components, two internal LDO regulators are integrated within the
AD4080. Further details on these regulators can be found in the
Internally Regulated Supply Configuration section. Also, note that
the internal supply decoupling capacitors are included for all supply
rails, whether generated internally or externally, reducing external
component count, simplifying use, and offering huge benefits to
PCB layout, routing, and design density.
For externally generated supply rails, excellent choice LDO regula-
tors are the LT3045 or ADP150, which both offer ultra-low noise
and excellent power supply rejection. For high efficiency, step-down
switching regulators, the LT8604C is a good choice; however, great
care must be taken in the design of the switching regulator circuity
because switching frequencies are likely to be within the application
signal bandwidth, and although the AD4080 has high AC power
supply rejection on its supplies, appropriate consideration must be
given to the supply rails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com