Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 69 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD4080 Datasheet HTML 65Page - Analog Devices AD4080 Datasheet HTML 66Page - Analog Devices AD4080 Datasheet HTML 67Page - Analog Devices AD4080 Datasheet HTML 68Page - Analog Devices AD4080 Datasheet HTML 69Page - Analog Devices AD4080 Datasheet HTML 70Page - Analog Devices AD4080 Datasheet HTML 71Page - Analog Devices AD4080 Datasheet HTML 72Page - Analog Devices AD4080 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 95 page
background image
Data Sheet
AD4080
DIGITAL FEATURES
analog.com
Rev. 0 | 69 of 95
Digital Filter Conversion Pulses
The total number of CNV pulses required for a single filter deci-
mated result (sinc1 settling clocks) can be calculated using the
following formula:
SettlingCNVPulsesSINC1=2+ D+1
Note that each of the three filter types has a unique formula to
determine the number of clocks required.
For the sinc5 settling clocks, the equation is as follows:
SettlingCNVPulsesSINC5=2+ 5×D+4
For the sinc5 with compensation settling clocks, the equation is as
follows:
SettlingCNVPulsesSINC5+COMP=
2+ 35×D+10
Where D equals the decimation rate 2, 4, 8 …
Digital Filtering Settling Time
The settling time for the selected filter is the number of settling
clocks times tCONV, as follows:
Filter Settling Time=
(SettlingCNVPulsesFILTERTYPE ×tCONV
Digital Filtering Settling Time when Using FIFO
When using the FIFO with filtered data, it is important to note
that each new FIFO record of results must begin by issuing a
FILTER_SYNC signal on the first CNV to reset and initialize the
filter and to prevent unflushed data from being contained in the first
FIFO record result.
The minimum total number of conversion pulses required to fill a full
FIFO record can be calculated as follows:
TotalRequiredCNVs =  D×WATERMARK  +
 Settling CNV PulsesFILTERTYPE
Where D equals the decimation rate 2, 4, 8 …
Digital Filter Response
Sinc1 Filter
Figure 98. Sinc1 Filter Response, Decimate by 2
Figure 99. Sinc1 Filter Response, Decimate by 4
Figure 100. Sinc1 Filter Response, Decimate by 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com