Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 60 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD4080 Datasheet HTML 56Page - Analog Devices AD4080 Datasheet HTML 57Page - Analog Devices AD4080 Datasheet HTML 58Page - Analog Devices AD4080 Datasheet HTML 59Page - Analog Devices AD4080 Datasheet HTML 60Page - Analog Devices AD4080 Datasheet HTML 61Page - Analog Devices AD4080 Datasheet HTML 62Page - Analog Devices AD4080 Datasheet HTML 63Page - Analog Devices AD4080 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 95 page
background image
Data Sheet
AD4080
DIGITAL FEATURES
analog.com
Rev. 0 | 60 of 95
FIFO Timing Considerations
Immediate Trigger Mode
Figure 89 illustrates the timing relationship between the command
to arm the FIFO for data write access and the point at which
the FIFO is armed. Figure 89 shows an example of where sin-
gle lane SPI data access is configured and FIFO_FULL and
FIFO_READ_DONE are output to GPIO. Because a capture has
not yet been initiated, FIFO_FULL and FIFO_READ_DONE are
driven low. A free running CNV clock is shown in this example.
Upon receipt of the update to the general configuration register
(Address 0x1C), the FIFO controller advances to an idle state
on the next rising edge of CNV. The FIFO then advances to the
writing state after two further CNV clock edges and begins filling
the FIFO until WATERMARK results are loaded and FIFO_FULL is
generated.
Upon completion of reading the FIFO data, a rearming event for
immediate mode capture involves disabling the FIFO by writing 00
to FIFO_MODE then re-enabling by writing 01 to the FIFO mode
to arm the FIFO for a new capture. As is the case with the initial
arming, the FIFO advances to the idle state upon receipt of the first
rising edge of CNV after the configure instruction to arm the FIFO is
issued. The sequence and timing is the same as for the initial FIFO
arming. See Figure 89.
Figure 88. Immediate Trigger ModeArming
Figure 89. Immediate Trigger Mode Rearming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com