Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 11 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD4080 Datasheet HTML 7Page - Analog Devices AD4080 Datasheet HTML 8Page - Analog Devices AD4080 Datasheet HTML 9Page - Analog Devices AD4080 Datasheet HTML 10Page - Analog Devices AD4080 Datasheet HTML 11Page - Analog Devices AD4080 Datasheet HTML 12Page - Analog Devices AD4080 Datasheet HTML 13Page - Analog Devices AD4080 Datasheet HTML 14Page - Analog Devices AD4080 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
Data Sheet
AD4080
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 11 of 95
Table 6. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Type1
Description
falling edge of the data interface clock (DCLK). Note that this pin does not go into a
high impedance state when used in four-lane SPI mode when CS is inactive.
This pin must be left unconnected if not being used.
D7
DA−/SDOB
DO
Data Interface Output
In LVDS data interface mode (default), this output pin along with DA+ serves as the
primary LVDS Data Lane A. If unused, leave unconnected.
In SPI data interface mode, this pin functions as Serial Data Output B (SDOB). This is
the only active serial data output in single lane mode. Result data is shifted out of this
pin on the falling edge of the data interface clock (DCLK).
E1
IN−
AI
Negative Analog Differential Input.
E2
AUXIN−
AI
Negative Auxiliary Analog Differential Input.
E6
GPIO1
DI/O
General-Purpose Input and Output 1 Pin.
E7
SCLK
DI
Configuration Interface Serial Data Clock. This clock input is used to shift data into and
out of the device configuration memory.
F1
GPIO2
DI/O
General-Purpose Input and Output 2 Pin.
F2
GPIO3
DI/O
General-Purpose Input and Output 3 Pin.
F3, G3
VDD33
P
3.3 V Supply Rail Inputs. These supply pins are internally decoupled by a 470 nF
capacitor to GND.
F4, G4
REFIN
AI
3.0 V Reference Voltage Inputs.
F7
SDI
DI
Serial Data Input. Configuration data is shifted into this input on the rising edge of the
serial data clock, SCLK.
G1
CS
DI
Configuration Interface Chip Select Input (Active Low). The CS input frames serial
data transfers over the configuration SPI.
G2
CMO
AO
Common-Mode Voltage (VCM) Output.
G6
DNC
DNC
Do Not Connect.
G7
GPIO0
DI/O
General-Purpose Input and Output 0 Pin.
1 AI is analog input, AO is analog output, DI is digital input; DI/O is digital input and output, DO is digital output, and P is power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com