Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 20 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD4080 Datasheet HTML 16Page - Analog Devices AD4080 Datasheet HTML 17Page - Analog Devices AD4080 Datasheet HTML 18Page - Analog Devices AD4080 Datasheet HTML 19Page - Analog Devices AD4080 Datasheet HTML 20Page - Analog Devices AD4080 Datasheet HTML 21Page - Analog Devices AD4080 Datasheet HTML 22Page - Analog Devices AD4080 Datasheet HTML 23Page - Analog Devices AD4080 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 95 page
background image
Data Sheet
AD4080
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 95
ensure that there is enough time to settle to the required voltage
accuracy (or ADC resolution). For this reason, a fast ADC requires
a wide bandwidth driver. For high resolution ADC converters, low
signal chain noise is required to obtain high resolution. A wider
bandwidth can result in more noise coming through the signal chain
to the ADC, which can present a significant signal chain design
challenge for a conventional SAR ADC. However, the AD4080 in-
cludes some unique Easy Drive features that simplify these aspects
of signal chain design.
One such AD4080 feature is continuous signal acquisition. Due
to its unique design, that the tAQC is equal to the tCYC of the
ADC, resulting in the AD4080 being in signal acquisition mode
for the full duration of each ADC conversion. The input voltage
has 100% of the tCYC conversion time to settle the input voltage
before the next conversion, whereas a conventional ADC may need
to settle in 60% of this time. More settling time results in less
bandwidth required by the driver, which generally, bears a lower
power requirement. In addition, because the external filters (RFILTIN
and CFILTIN) must be designed with enough bandwidth for the driver
to settle the input voltage, the additional settling time results in a
lower cut-off. Because of this lower cut-off, more of the signal chain
noise can be filtered at the inputs with these external filters.
Another Easy Drive feature is its highly linearized analog input
current. With this feature, the AD4080 presents a less challenging
load to a driver amplifier and reduces any potential distortion from
a driver that can occur when presented with a nonlinear input
current. Figure 34 shows the typical input currents into both the
differential signal pair (IN+ and IN−) and auxiliary inputs (AUXIN+
and AUXIN−).
Figure 34. Typical Input Current vs. Differential Input Voltage
To design the external input filter, it is usual to calculate how
many time constants (K) are needed for the required resolution.
To calculate the time constant from the natural log of the required
setting resolution, for example, if settling to within 1 LSB of 20 bits
(n = 20) of resolution is desired, use the following equation:
K = ln(2n ∕ 1 bit) = 13.86 time constants
(1)
When considering a conventional ADC, as described in the Con-
verter Operation section, where the acquisition time is only 60% of
the ADC conversion cycle, there is less time available for settling.
For such an ADC sampling at 40 MSPS, the driver must settle
within 25 ns × 0.6 or 15 ns, and settling of the input voltage within 1
LSB also requires a time constant tau (τ) of 15 ns ÷ K = 1.082 ns or
a bandwidth of 1/(2 × π × τ) = 147 MHz.
However, with the Easy Drive features of the AD4080, the result
is an acquisition time of 100% of the conversion cycle, which
indicates only 13.86 time constants to settle within 1 LSB of 20 bits
resolution. However, additionally, the low analog input current of
the AD4080 and the internal methods that reduce any kick back to
the driver (as charge transfers from the analog input to the internal
sampling capacitors at the sampling instance) reduce the required
number of time constants by 9.5%. Therefore, for the 20-bit settling
example, the required number of time constants (K) reduces from
13.86 to 12.55 without impact on settling or distortion.
These Easy Drive features significantly reduce the required driver
bandwidth required to settle. For example, at 40 MSPS, settling of
the input voltage within 1 LSB requires a time constant tau (τ) of
25 ns ÷ K = 1.992 ns, or a bandwidth of 1/(2 × π × τ) = 80 MHz.
This significant reduction in the required bandwidth allows use of
lower power, lower bandwidth drivers and the design of a lower
bandwidth input filter to remove more driver or signal chain noise.
Table 8 suggests some filter values for use with the AD4080 in
some example use case conditions.
Another Easy Drive feature, as can be seen in the Figure 33, is the
auxiliary signal input path. This path feeds the analog input signal
to an internal linearization block, and this block feeds a correction
signal to the sampled voltage. Recommended values are given
in Table 8. The filter on the auxiliary inputs is set for the same
bandwidth as the analog input, and RFILTAUX must be set at 4 ×
RFILTIN. The recommended filter configuration is to use a differential
CFILTIN capacitor; therefore, calculate the components as τ = RFILTIN
× 2 × CFILTIN.
Note that the minimum RFILTIN must be 15 Ω, and that RFILTAUX can
be set from a minimum of 5 Ω up to 4 × RFILTIN .
Table 8. Recommended Input Filter Configurations
fS (MSPS)
Target Accuracy (Bit)
Required Bandwidth (MHz)
RFILTIN (Ω)
CFILTIN (pF)
RFILTAUX (Ω)
CFILTAUX (pF)
40
20
80
25
39
100
10
40
18
72
25
47
100
10
30
20
60
25
47
100
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com