Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 45 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD4080 Datasheet HTML 41Page - Analog Devices AD4080 Datasheet HTML 42Page - Analog Devices AD4080 Datasheet HTML 43Page - Analog Devices AD4080 Datasheet HTML 44Page - Analog Devices AD4080 Datasheet HTML 45Page - Analog Devices AD4080 Datasheet HTML 46Page - Analog Devices AD4080 Datasheet HTML 47Page - Analog Devices AD4080 Datasheet HTML 48Page - Analog Devices AD4080 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 95 page
background image
Data Sheet
AD4080
DIGITAL INTERFACE
analog.com
Rev. 0 | 45 of 95
Self Clock Mode
In LVDS data interface mode, it is possible to disable the DCO+
and DCO− echo clock output (see the Echo Clock Mode section)
by setting LVDS_SELF_CLK_MODE = 1 in the ADC Data Interface
Configuration B register (see the ADC Data Interface Configuration
B Register section, Address 0x16). This setting puts the device
in self clock mode disabling the DCO+ and DCO− output driver,
with the benefit of saving interface power as well as reducing the
number of LVDS pairs required to interface with the host controller.
In this mode, the DCO+ and DCO− pins can be left disconnected;
therefore, in single-lane configurations, a minimum of two LVDS
pairs (CLK+ and CLK−, DA+ and DA−) are required to connect to
each AD4080 instance. The interface connectivity can further be
simplified by sharing the interface clock (CLK+ and CLK−) between
multiple AD4080 instances.
Figure 74. Continuous Conversion Timing, LVDS Data Interface, Single Data Lane, Self Clock Mode
Figure 75. Continuous Conversion Timing, LVDS Data Interface, Dual Data Lane, Self Clock Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com