Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 25 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD4080 Datasheet HTML 21Page - Analog Devices AD4080 Datasheet HTML 22Page - Analog Devices AD4080 Datasheet HTML 23Page - Analog Devices AD4080 Datasheet HTML 24Page - Analog Devices AD4080 Datasheet HTML 25Page - Analog Devices AD4080 Datasheet HTML 26Page - Analog Devices AD4080 Datasheet HTML 27Page - Analog Devices AD4080 Datasheet HTML 28Page - Analog Devices AD4080 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 95 page
background image
Data Sheet
AD4080
THEORY OF OPERATION
analog.com
Rev. 0 | 25 of 95
(see the Device Configuration Register section) to update the
OPERATING_MODES bits.
Table 11. Power Saving Operating Modes
Operating
Mode
OPERATING_MODES
Bits Value
Description
Effect
Wake-Up Time (Maximum Time to
Normal Mode)
Normal
0b00
Normal operating mode
Normal operation.
Not applicable
Standby
0b01
Standby operating mode
The internal IOVDD LDO regulator is disabled.
100 μs
If IOVDD is not externally supplied, all GPIOx and all
LVDS data interface and SPI data interface signals
are disabled. For the SPI configuration interface only.
writes to the device configuration register (see the
Device Configuration Register section) and Interface
Configuration A register (see the Interface Configuration
A Register section) are allowed.
If IOVDD is externally supplied, all GPIOx and SPI data
interface signals are enabled. The SPI configuration
interface is fully enabled. Because the SPI data
interface remains enabled, the user can access data
in the result FIFO (see the Result FIFO section).
The ADC core is powered down. The analog circuitry
remains in reset (ANA_RESET remains asserted), and
no ADC conversions can be performed.
The VDD33 supply can be removed to reduce power.
When in use, the internal VDD11 LDO regulator remains
on.
The internal reference buffer is enabled.
Common-mode output buffer is enabled.
The LVDS interface is disabled.
Sleep
0b10
Low power operating mode
The internal IOVDD LDO regulator is disabled.
100 ms
If IOVDD is not externally supplied, all GPIOx and all
LVDS data interface and SPI data interface signals
are disabled. For the SPI configuration interface only,
writes to the device configuration register (see the
Device Configuration Register section) and Interface
Configuration A register (see the Interface Configuration
A Register section) are allowed.
If IOVDD is externally supplied, all GPIOx and SPI data
interface signals are enabled. The SPI configuration
interface is fully enabled. Because the SPI data
interface remains enabled, the user can access data
in the result FIFO (see the Result FIFO section).
The ADC core is powered down. The analog circuitry
remains in reset (ANA_RESET remains asserted), and
no ADC conversions can be performed.
The VDD33 supply can be removed to reduce power.
The internal reference buffer is disabled
When enabled, the internal VDD11 LDO regulator
remains on.
The common-mode output buffer is disabled.
The LVDS interface is disabled.
The SPI data interface remains enabled to access data
in the result FIFO (see the Result FIFO section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com