Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 3 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 3 Page - Analog Devices

  AD4080 Datasheet HTML 1Page - Analog Devices AD4080 Datasheet HTML 2Page - Analog Devices AD4080 Datasheet HTML 3Page - Analog Devices AD4080 Datasheet HTML 4Page - Analog Devices AD4080 Datasheet HTML 5Page - Analog Devices AD4080 Datasheet HTML 6Page - Analog Devices AD4080 Datasheet HTML 7Page - Analog Devices AD4080 Datasheet HTML 8Page - Analog Devices AD4080 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 95 page
background image
Data Sheet
AD4080
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 95
VDD33 = 3.3 V ± 5%, VDDLDO = 1.5 V to 2.7 V, VDD11 = 1.1 V ± 5%, IOVDD = 1.1 V − 5% to 1.2 V + 5%, voltage reference input (VREFIN) =
3.0 V, sampling frequency (fS) = 40 MHz, and TA = TMIN to TMAX, unless otherwise noted.
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
20
Bits
ANALOG INPUT
Absolute Operating Input Voltage
Voltage at input, referred to GND
−0.1
VDD33 + 0.1
V
Differential Input Voltage Range
IN+ voltage − IN− voltage
−VREFIN
+VREFIN
V
Common-Mode Input Range
VREFIN/2 − 0.05
VREFIN/2
VREFIN/2 + 0.05
V
DC PERFORMANCE
No Missing Codes
20
Bits
Differential Nonlinearity (DNL)
±0.5
±0.99
LSB
Integral Nonlinearity (INL)
±4
±8
ppm
Transition Noise
6.9
LSB RMS
Gain Error
TA = 25°C
0.01
±0.025
%FS
Gain Error Drift
0.095
ppm/°C
Zero Error
TA = 25°C
15
μV
Zero Error Drift
TA = −40°C to +85°C
0.05
ppm/°C
Power Supply Rejection
VDD33 = 3.3 V ± 5%
−89
dB
VDD11 = 1.1 V ± 5%
−68
dB
Low Frequency Noise
Bandwidth = 0.1 Hz to 10 Hz
174
nV RMS
AC PERFORMANCE
Dynamic Range
94.6
dB
Noise Spectral Density (NSD)
167.6
dBFS/Hz
Total RMS Noise
Bandwidth = 20 MHz
39.4
μV RMS
Signal-to-Noise Ratio (SNR)
Voltage magnitude (VMAG) = −0.5 dBFS, input
frequency (fIN) = 1 kHz
92.7
93.6
dB
VMAG = −1 dBFS, fIN = 1 MHz
93.5
dB
Sinc5 + compensation filter, decimate by 8, VMAG =
−0.5 dBFS, fIN = 1 kHz,
101.7
102.5
dB
Total Harmonic Distortion (THD)
VMAG = −0.5 dBFS, fIN = 1 kHz
−110
−101.7
dB
VMAG = −1 dBFS, fIN = 1 MHz
−104
dB
Signal-to-Noise-and-Distortion (SINAD)
VMAG = −0.5 dBFS, fIN = 1 kHz
93.3
dB
VMAG = −0.5 dBFS, fIN = 1 MHz
93
dB
Spurious-Free Dynamic Range
−112
dB
−3 dB Bandwidth
Input at IN+ and IN−, no external filter
272
MHz
Intermodulation Distortion (IMD)
Frequency A (fA) = 1.0 MHz, Frequency B (fB) =
800 kHz
Second-Order IMD (IMD2)
−96.2
dB
Third-Order IMD (IMD3)
−97.2
dB
Power Supply Rejection
Ripple voltage = 50 mV p-p, f = 1 kHz
VDD33
−92.5
dB
VDD11
−81.2
dB
REFERENCE INPUT
VREFIN Range
2.995
3.0
3.005
V
VREFIN Current
−0.3
+1
μA/MSPS
TA = 25°C
−6.3
+26.9
μA
VREFIN Leakage Current
Converter Idle
−2
+2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com