Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4080 Datasheet HTML 19Page - Analog Devices AD4080 Datasheet HTML 20Page - Analog Devices AD4080 Datasheet HTML 21Page - Analog Devices AD4080 Datasheet HTML 22Page - Analog Devices AD4080 Datasheet HTML 23Page - Analog Devices AD4080 Datasheet HTML 24Page - Analog Devices AD4080 Datasheet HTML 25Page - Analog Devices AD4080 Datasheet HTML 26Page - Analog Devices AD4080 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 95 page
background image
Data Sheet
AD4080
THEORY OF OPERATION
analog.com
Rev. 0 | 23 of 95
The reference monitor compares the input voltage at the reference
input pin, REFIN, against a preset threshold of 2.7 V. As illustrated
in Figure 39, power for the reference monitor circuit is supplied from
the VDD33 supply. For correct operation of the monitor circuit, the
VDD33 supply must be applied to the AD4080 within the specified
tolerance of 3.3 V ± 5% before the reference source is enabled.
Assuming the device is operating within the specified supply condi-
tions, a reference voltage less than 2.7 V results in the assertion
of an internal reset signal, POR_A. The POR_A signal and (logical
AND) the DIG_RESET signal are combined to produce a reset
(ANA_RESET) for the analog circuit blocks including the ADC core,
ADC timer, reference buffer, etc. If this reset signal is asserted, the
analog blocks are placed in an inactive state, and the converter
functionality is disabled. This event is indicated with a value of 1 in
the POR_ANA_FLAG bit from the Device Status Register (Address
0x14). The state of the event detection is persistent until a Logic 1
is written to the POR_ANA_FLAG bit to clear the detection state.
POWER SUPPLY SEQUENCE
Table 10 specifies the recommended supply sequences for both
internal and external generation of 1.1 V supply rails (IOVDD and
VDD11). Both methods are shown in Figure 40 and Figure 41,
where highlighted in blue are the supplies that must be provided
to the AD4080, including the REFIN voltage. In both cases, the
AD4080 requires that the supplies are applied in ascending voltage
order. The design must also ensure that voltage is applied at the
analog inputs (IN+ and IN−) and reference input (REFIN) concur-
rently with or immediately following the VDD33 supply. As described
in the Power-On Reset (POR) Monitor section, the voltage at the
reference input pin must only be applied once VDD33 is within the
specified supply tolerance to avoid undesired behavior. Therefore, if
the selected voltage reference does not provide an enable pin, it is
strongly recommended to design the reference circuit to power up
after VDD33.
The configuration SPI inputs, CS, SCLK, and SDI, are protected
with clamps to the VDD33 supply rail to allow the inputs to swing
more than IOVDD. As a consequence of this architectural decision,
it is necessary to drive the SPI inputs to ground or to otherwise
leave the inputs floating until VDD33 is greater than IOVDD − 0.3
V. Alternatively, the VDD33 source can be connected to the device
using a series power switch, like the ADP199, configured so that
the switch is open when the source is less than IOVDD − 0.3 V,
eliminating the parasitic current path through the digital inputs to
VDD33.
Table 10. Recommended Supply Sequence
1.1 V Supplies (IOVDD and VDD11) Source
Supply Sequence
Internally Generated
1. VDDLDO
2. VDD33
3. Digital inputs
4. Input drive, reference
Externally Generated
1. IOVDD, VDD11
2. VDD33
3. Digital inputs
4. Input drive, reference
To power down the application circuit, the power-up sequence
specified in Table 10 should be reversed.
Figure 40. Power Supply Sequence, Internally Generated IOVDD, VDD11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com