Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 10 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD4080 Datasheet HTML 6Page - Analog Devices AD4080 Datasheet HTML 7Page - Analog Devices AD4080 Datasheet HTML 8Page - Analog Devices AD4080 Datasheet HTML 9Page - Analog Devices AD4080 Datasheet HTML 10Page - Analog Devices AD4080 Datasheet HTML 11Page - Analog Devices AD4080 Datasheet HTML 12Page - Analog Devices AD4080 Datasheet HTML 13Page - Analog Devices AD4080 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
Data Sheet
AD4080
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 10 of 95
Table 6. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Type1
Description
In SPI data interface mode, this pin functions as a chip select input (data interface chip
select).
B1, B2, C1, C2, F5,
F6, G5
REFGND
P
Reference Grounds. Connect any external reference decoupling capacitors across
REFIN and REFGND. REFGND must be tied with a low impedance path to GND.
B3
VDDLDO
P
LDO Supply Rail Input.
This supply rail is internally decoupled by a 220 nF capacitor to GND. The two internal,
1.1 V, LDO voltage regulators can be supplied from a source connected to this input
in the 1.5 V to 2.7 V range. If this pin is left open, the internal regulators automatically
power off and both VDD11and IOVDD must be connected with an external voltage
source within their allowed specification limits.
If VDDLDO is connected to a voltage source, neither VDD11 nor IOVDD should be
connected to any external voltage source.
B4, B5
DCO−, DCO+
DO
LVDS Echo Clock Outputs.
In LVDS data interface mode (default), this pin pair outputs a buffered and delayed
version of CLK+ and CLK−. Data outputs from LVDS Data Lane DA+ and Data Lane
DA− (and Data Lane DB+ and Data Lane DB− if active) are clocked out in alignment
with both rising and falling edges of DCO+ and DCO−. In SPI data interface mode (or
if the echo clock mode is disabled while in LVDS data interface mode), these pins can
be left unconnected.
B6
IOGND
P
Digital Interface Supply Ground Reference. This pin must be connected to the same
ground plane as all other GND pins.
All pins specified as type DI, DO, or DI/O must use this ground reference.
B7
CLK+/DCLK
DI
Data Interface Clock Input Multifunction Pin.
In LVDS data interface mode (default), this pin serves as half of the differential data
clock input, and an external 100 Ω termination resistor must be present between it and
the CLK− pin.
In SPI data interface mode, the single-ended data clock signal must be applied to this
pin.
C3 to C5, D3 to D5,
E3 to E5
GND
P
Grounds. All ground pins must be connected to a PCB GND plane.
C6
DB+/SDOC
DO
Data Interface Output Multifunction Pin.
In LVDS data interface mode (default), this output pin along with DB− serves as the
optional, secondary LVDS Data Lane B. If unused, leave unconnected.
In SPI data interface mode, this pin functions as Serial Data Output C (SDOC), which
is active in a four-lane configuration only. Result data is shifted out of this pin on the
falling edge of the data interface clock (DCLK).
This pin must left unconnected if not being used.
C7
DA+/SDOA
DO
Data Interface Output Multifunction Pin.
In LVDS data interface mode (default), this output pin along with DA− serves as the
primary LVDS Data Lane A.
In SPI data interface mode, this pin functions as Serial Data Output A (SDOA), which
is active in a four-lane configuration only. Result data is shifted out of this pin on the
falling edge of the data interface clock (DCLK).
This pin must left unconnected if not being used.
D1
IN+
AI
Positive Analog Differential Input.
D2
AUXIN+
AI
Positive Auxiliary Analog Differential Input.
D6
DB−/SDOD
DO
Data Interface Output Multifunction Pin.
In LVDS data interface mode (default), this output pin along with DB+ serves as the
optional, secondary LVDS Data Lane B. If unused, leave unconnected.
In SPI data interface mode, this pin functions as Serial Data Output D (SDOD), which
is active in a four-lane configuration only. Result data is shifted out of this pin on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com