Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 62 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD4080 Datasheet HTML 58Page - Analog Devices AD4080 Datasheet HTML 59Page - Analog Devices AD4080 Datasheet HTML 60Page - Analog Devices AD4080 Datasheet HTML 61Page - Analog Devices AD4080 Datasheet HTML 62Page - Analog Devices AD4080 Datasheet HTML 63Page - Analog Devices AD4080 Datasheet HTML 64Page - Analog Devices AD4080 Datasheet HTML 65Page - Analog Devices AD4080 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 95 page
background image
Data Sheet
AD4080
DIGITAL FEATURES
analog.com
Rev. 0 | 62 of 95
Event Trigger Capture Mode, Read All FIFO
Event triggered mode can be used where ADC results immediately
prior to the event, as well as those after, are of interest to the user.
Once armed, the FIFO continuously fills with new ADC results,
storing up to, at most, 16,384 of the most recent results, wrapping
around and overwriting the oldest results in FIFO memory once
16,384 captures are made.
Once a trigger event occurs, the FIFO continues to capture WA-
TERMARK number of results after the event. Only multiples of four
are valid values to set the FIFO_WATERMARK register when using
this mode. After an even has occurred, and the WATERMARK
number of results have been captured in the FIFO, no further
new results are captured until the FIFO is rearmed. Once the
FIFO has stopped capturing, the FIFO_WATERMARK register is
automatically loaded with a value that represents the location in
the FIFO where the event occurred, as shown in Figure 91 and
Figure 92. The user must read back all 16384 FIFO results and
the value read back from FIFO_WATERMARK allows the user to
determine where in the FIFO result data that the even occurred and
also to distinguish between results that occurred before the event
and those which occurred after the event as shown in the Figure 92
diagram.
Figure 91. Event Capture Mode Read All FIFO Mode Example, FIFO Filling
Figure 92. FIFO Event Capture Mode Read All FIFO Mode Example, Locating
Event Position in FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com