Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 83 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 83 Page - Analog Devices

Back Button AD4080 Datasheet HTML 79Page - Analog Devices AD4080 Datasheet HTML 80Page - Analog Devices AD4080 Datasheet HTML 81Page - Analog Devices AD4080 Datasheet HTML 82Page - Analog Devices AD4080 Datasheet HTML 83Page - Analog Devices AD4080 Datasheet HTML 84Page - Analog Devices AD4080 Datasheet HTML 85Page - Analog Devices AD4080 Datasheet HTML 86Page - Analog Devices AD4080 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 95 page
background image
Data Sheet
AD4080
CONFIGURATION REGISTERS
analog.com
Rev. 0 | 83 of 95
Device Status Register
Address: 0x14, Reset: 0x09, Name: DEVICE_STATUS
Figure 123. Device Status Register
Table 47. Bit Descriptions for DEVICE_STATUS
Bits
Bit Name
Description
Reset
Access
7
FIFO_FULL
FIFO Full Status Flag.
0x0
R
0: FIFO Not Full.
1: FIFO Full.
6
FIFO_READ_DONE
FIFO Read Done Flag.
0x0
R
0: FIFO Read Not Done.
1: FIFO Read Done.
5
HI_STATUS
High Threshold Detection Status Flag. Writing 1 to this bit clears it.
0x0
R/W1C
0: High Threshold Event Not Detected.
1: High Threshold Event Detected.
4
LO_STATUS
Low Threshold Detection Status Flag. Writing 1 to this bit clears it.
0x0
R/W1C
0: Low Threshold Event Not Detected.
1: Low Threshold Event Detected.
3
POR_ANA_FLAG
POR Analog Status. Allows user to detect when an analog POR event occurs. An analog POR is triggered at
power-up or when the 1.1 V logic supply or ADC reference drops to less than the 2.7 threshold values or when
the user issues a software reset. Writing 1 to this bit clears it.
0x1
R/W1C
0: Analog POR Flag Cleared.
1: Analog POR Event Detected.
2
ADC_CNV_ERR
ADC Conversion Error Flag. Writing 1 to this bit clears it.
0x0
R/W1C
0: ADC Conversion Okay.
1: ADC Conversion Error. The user has breached the minimum tCONV specification, and the conversion results
are invalid. The user must ensure that the correct clock timing specifications are met.
1
ROM_CRC_ERR
ROM CRC/ECC Failure Flag.
0x0
R
0: ROM CRC Check Okay.
1: ROM CRC/ECC Failure.
0
POR_FLAG
POR Status. Allows user to detect when a POR event occurs. A POR is triggered at power-up or when the 1.1
V logic supply drops to less than the 0.93 V threshold value or when the user issues a software reset. Writing 1
to this bit clears it.
0x1
R/W1C
0: POR Flag Cleared.
1: POR Event Detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com