Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # HCS12COREUG
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 104Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 105Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 106Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 107Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 108Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 109Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 110Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 111Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
A.4.1.4 Stop Recovery
Out of STOP the controller can be woken up by an external interrupt. A clock quality check as after POR
is performed before releasing the clocks to the system.
A.4.1.5 Pseudo Stop and Wait Recovery
The recovery from Pseudo STOP and Wait are essentially the same since the oscillator was not stopped in
both modes. The controller can be woken up by internal or external interrupts. After twrs the CPU starts
fetching the interrupt vector.
A.4.2 Oscillator
The device features an internal Colpitts oscillator. By asserting the XCLKS input during reset this
oscillator can be bypassed allowing the input of a square wave. Before asserting the oscillator to the
internal system clocks the quality of the oscillation is checked for each start from either power-on, STOP
or oscillator fail. tCQOUT specifies the maximum time before switching to the internal self clock mode after
POR or STOP if a proper oscillation is not detected. The quality check also determines the minimum
oscillator start-up time tUPOSC. The device also features a clock monitor. A Clock Monitor Failure is
asserted if the frequency of the incoming clock signal is below the Assert Frequency fCMFA.
Table A-14 Oscillator Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
C Crystal oscillator range
fOSC
0.5
16
MHz
2
P Startup Current
iOSC
100
µA
3
D Oscillator start-up time from POR or STOP
nUPOSC
4100
cycOSC
4
C Oscillator start-up time
tUPOSC
81
NOTES:
1. fosc = 4MHz, C = 22pF.
1002
2. Maximum value is for extreme cases using high Q, low frequency crystals
ms
5
D Clock Quality check time-out
tCQOUT
0.45
2.5
s
6
P Clock Monitor Failure Assert Frequency
fCMFA
50
100
200
KHz
7P External square wave input frequency3
fEXT
0.5
32
MHz
8
D External square wave pulse width low
tEXTL
15
ns
9
D External square wave pulse width high
tEXTH
15
ns
10
D External square wave rise time
tEXTR
1ns
11
D External square wave fall time
tEXTF
1ns
12
D Input Capacitance EXTAL pin
CIN
9pF
13
D Input Capacitance XTAL pin
CIN
13
pF
14
C
DC Operating Bias in Colpitts Configuration on
EXTAL Pin
VDCBIAS
1.1
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com