Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # HCS12COREUG
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 106Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 107Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 108Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 109Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 110Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 111Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 112Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 113Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
The loop bandwidth fC should be chosen to fulfill the Gardner’s stability criteria by at least a factor of 10,
typical values are 50.
ζ = 0.9 ensures a good transient response.
And finally the frequency relationship is defined as
With the above inputs the resistance can be calculated as:
The capacitance Cs can now be calculated as:
The capacitance Cp should be chosen in the range of:
The stabilization delays shown in Table A-15 are dependant on PLL operational settings and external
component selection (e.g. crystal, XFC filter).
A.4.3.2 Jitter Information
The basic functionality of the PLL is shown in Figure A-2. With each transition of the clock fcmp, the
deviation from the reference clock fref is measured and input voltage to the VCO is adjusted
accordingly.The adjustment is done continuously with no abrupt changes in the clock output frequency.
Noise, voltage, temperature and other factors cause slight variations in the control loop resulting in a clock
jitter. This jitter affects the real minimum and maximum clock periods as illustrated in Figure A-3.
f
C
2
ζ f
ref
⋅⋅
πζ
1
ζ
2
+
+


⋅
------------------------------------------
1
50
------
f
C
f
ref
450
⋅
--------------
ζ 0.9
=
(
)
;
<
→
<
n
f
VCO
f
ref
-------------
2
synr
1
+
()
⋅
==
R
2
π nf
C
⋅⋅ ⋅
KΦ
-----------------------------
=
C
s
2
ζ
2
⋅
π f
C R
⋅⋅
----------------------
0.516
f
C R
⋅
---------------
ζ 0.9
=
()
;
≈
=
C
s 20
⁄
C
p
C
s 10
⁄
≤≤
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com