Electronic Components Datasheet Search
  English  ▼

X  

33970 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33970 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33970
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
The bits in Table 18 are read-only bits.
ENB1 (OD15)—This bit indicates if Gauge 1 is enabled.
• 0 = Disabled
• 1 = Enabled
DIR1 (OD14)—This bit indicates the direction Gauge 1
pointer is moving.
• 0 = Toward position 0
• 1 = Away from position 0
DIRC1 (OD13)—This bit determines if the direction of the
most recent pointer movement is toward, or away from, the
last commanded position.
• 0 = Direction of the pointer movement is toward the
commanded position
• 1 = Direction of the pointer movement is away from the
commanded position
CMD1 (OD12)—This bit indicates if Gauge 1 is at the most
recently commanded position.
• 0 = At commanded position
• 1 = Not at commanded position
POS11:POS0 (OD11:OD0)—These 12 bits represent the
actual position of the pointer at the time CS transitions to a
logic [0].
Gauge 0 and 1 Pointer Velocity Status Information
Most recent valid PECCR command resulting in the
Gauge 0 and 1 Pointer Velocity status output:
The bits in Table 19 are read-only bits.
1V7:1V0 (OD15:OD8)—These eight bits represent the
velocity position value (refer to Table 21, page 24) indicating
the actual velocity of Gauge 1 pointer at the time CS
transitions to a logic [0].
0V7:0V0 (OD7:OD0)—These eight bits represent the
velocity position value (refer to Table 21) indicating the
actual velocity of Gauge 0 pointer at the time CS transitions
to a logic [0].
STATE MACHINE OPERATION
The two-phase step motor has maximum allowable
velocities and acceleration and deceleration.The purpose of
the step motor state machine is to drive the motor with
maximum performance while remaining within the motor’s
voltage, velocity, and acceleration constraints.
A requirement of the state machine is to ensure the
deceleration phase begins at the correct time and pointer
position. When commanded, the motor will accelerate
constantly to the maximum velocity, then move toward the
commanded position. Eventually, the pointer will reach the
calculated location where the movement has to decelerate,
slowing safely to a stop at the desired position. During the
deceleration phase, the motor will not exceed the maximum
deceleration.
During normal operation, both step motor rotors are
microstepped with 24 steps per electrical revolution (see
Figure 9). A complete electrical revolution results in two
degrees of pointer movement. There is a second (smaller)
state machine in the IC controlling these microsteps. This
state machine receives clockwise or counter-clockwise index
commands at intervals, stepping the motor in the appropriate
direction by adjusting the current in each coil. Normalized
values are provided in Table 20, page 23.
D11
D10
D9
D8
1
1
1
x
x = Don’t care.
Table 19. Gauge 0 and 1 Pointer Velocity Status Output Register
Bits
OD15
OD14
OD13
OD12
OD11
OD10
OD9
OD8
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
Read
1V7
1V6
1V5
1V4
1V3
1V2
1V1
1V0
0V7
0V6
0V5
0V4
0V3
0V2
0V1
0V0
Write
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com