Electronic Components Datasheet Search
  English  ▼

X  

33970 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 33970 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 36Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
33970
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
2.0
8/2006
• Implemented Revision History page
• Converted to Freescale format
• Corrected Symbol notation for Microstep Output (Measured Across Coil Outputs)
SIN0,1, ± (COS0,1, ±) (refer to Table 1) and Output Flyback Clamp (10)
• Added maximum pointer calculation on page 16
• Corrected detect threshold upper range from 4081 to 1009
• Changed internal clock variation from 35% to 70%
• Changed EMF to flux on page 28
• Added MCZ33970EG/R2 to the Ordering Information block
3.0
1/2007
• Revised Internal Block Diagram to enhance readability
• Added parameter Peak Package Reflow Temperature During Reflow (4), (5) on page 4
and notes (4) and (5)
• Added ADC Gain (10), (13) to Static Elecrtrical Characteristics table.
• Made wording additions to Address 101—Gauge Return to Zero Configuration Register
on page 17 and RC12:RC11 = M on page 18
• Added RTZ Accumulator (Typical) on page 21 and accompanying text



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com