Electronic Components Datasheet Search
  English  ▼

X  

33970 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 33970 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 36Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
33970
TYPICAL APPLICATIONS
INTRODUCTION
15
PECCR
(f) Send null command to see if gauges have moved
- Bits PE12
Table 7 (page 14),
Table 15 (page 19)
(g) Check SO to see if Gauge 0 (Gauge 1) moved
- Bit MOV0 (MOV1) logic [1]? If so, Gauge 0 (Gauge 1) moved another microstep. Keep
track of movement. If 12 steps are finished, and both gauges are at a static position, then
RTZ. Otherwise repeat steps (a) and (b)
- Bit CMD0 (OD10) (CMD1 (OD1)) could also be monitored to determine that the pointer is
static
16
RTZ
(a) Return one gauge at a time to the zero stop using RTZ command
- Bit RZ0 selects the gauge
- Bit RZ1 is used to enable or disable an RTZ
- Bit RZ2 is used to select the direction (along with PE7)
Table 7 (page 14),
Table 11 (page 16),
Table 16 (page 20)
(b) Select the RTZ accumulator bits clocking out on the SO bits using bits PE11:PE10. These
will be used if characterizing the RTZ
17
PECCR
(a) Check the status of the RTZ by sending the null command to monitor SO bit RTZ0
- Bit PE12 is the null command
Table 7 (page 14),
Table 15 (page 19)
(b) Is RTZ0 logic [0]? If not, Gauge 0 still returning and null command should be resent
18
RTZ
(c) Return the other gauge to the zero stop. If the second gauge is driving a different pointer
than the first, a new RTZCR command may be required to change the Full Step time
Table 11 (page 16),
Table 14 (page 18)
19
PECCR
(a) Check the status of the RTZ by sending the null command to monitor SO bit RTZ1
- Bit PE12 is the null command
Table 7 (page 14),
Table 15 (page 19)
(b) Is RTZ1 logic [0]? If not, Gauge 1 still returning and null command should be resent
Table 11 (page 16)
20
PECCR
(a) Disable both gauges and go to standby
- Bit PE0:PE1 are used to disable the gauges
Table 7 (page 14)
(b) Put the device to sleep
- RST pin is pulled to logic [0]
Table 22. 33970 Setup, Configuration, and Usage Example (continued)
Step
Command
Description
Reference Table
and or Figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com