Electronic Components Datasheet Search
  English  ▼

X  

33970 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33970 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33970
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
DEFAULT MODE
Default mode refers to the state of the 33970 after an
internal or external reset prior to SPI communication. An
internal reset occurs during VDD power-up or if VPWR falls
below 4.0 V. An external reset is initiated by the RST pin
driven to a logic [0]. With the exception of the RTZCR full step
time, all of the specific pin functions and internal registers will
operate as though all of the addressable configuration
register bits were set to logic [0]. This means, for example, all
of the outputs will be disabled after a power-up or external
reset, and SO flag ST6 is set, indicating an undervoltage
event. Anytime an external reset is exerted and the default is
restored, all configuration parameters (e.g., clock calibration,
maximum speed, RTZ parameters, etc.) are lost and must be
reloaded.
FAULT LOGIC REQUIREMENTS
The 33970 device indicates each of the following faults as
they occur:
• Overtemperature fault
• Undervoltage VPWR
• Overvoltage VPWR
• Clock out of spec
These fault bits remain enabled until they are clocked out
of the SO pin with a valid SPI message.
Overcurrent faults are not reported directly; however, it is
likely an overcurrent condition will become a thermal issue
and be reported.
OVERTEMPERATURE FAULT REQUIREMENTS
The 33970 incorporates overtemperature protection
circuitry, which shuts off the affected gauge driver when
excessive temperatures are detected. In the event of a
thermal overload, the affected gauge driver is automatically
disabled. The overtemperature fault is flagged via the OT0
and/or OT1 device status bits. The indicating flag continues
to be set until the affected gauge is successfully re-enabled,
provided the junction temperature has fallen to a temperature
below the hysteresis level.
OVERVOLTAGE FAULT REQUIREMENTS
The device is capable of surviving VPWR voltages within
the maximum specified in Table 2. VPWR levels resulting in
an Overvoltage Shutdown condition can result in uncertain
pointer positions. Therefore, the pointer position should be
re-calibrated. The master will be notified of an overvoltage
event via the SO pin if the device status is selected.
Overvoltage detection and notification occurs regardless of
whether the gauge(s) are enabled or disabled.
OVERCURRENT FAULT REQUIREMENTS
Output currents are limited to safe levels allowing the
device to rely on thermal shutdown to protect itself.
UNDERVOLTAGE FAULT REQUIREMENTS
Undervoltage VPWR conditions may result in uncertain
pointer positions. Therefore, the internal clock and the pointer
position may require re-calibration. The state machine
continues with VPWR voltage levels as low as 4.0 V; however,
the coil voltages may be clipped. The master can be notified
of an undervoltage event via the SO pin. Undervoltage
detection and notification are disabled if both outputs are
disabled.
RESET (SLEEP MODE)
The device can reset internally or externally. If the VDD
level falls below the VDDUV level (refer to the Static Electrical
Characteristics table under POWER INPUT, page 5), the
device resets and powers up in the Default mode. Similarly,
If the RST pin is driven to a logic [0], the device resets to its
default state. The device consumes the least amount of
current (IDD and IPWR) when the RST pin is logic 0]. This is
also referred to as the Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com