Electronic Components Datasheet Search
  English  ▼

X  

33970 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33970 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33970
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
The bits in Table 9 are write-only.
P012 (D12)—This bit must be transmitted as logic [0] for
valid commands.
P011:P00 (D11:D0)—Desired pointer position of
Gauge 0. Pointer positions can range from 0
(000000000000) to position 4095 (111111111111). For a
step motor requiring 12 microsteps per degree of pointer
movement, the maximum pointer sweep is 341.25
°.
.
The bits in Table 10 are write-only.
P1 12 (D12)—This bit must be transmitted as logic [0] for
valid commands.
P1 11:P1 0 (D11:D0)—Desired pointer position of
Gauge 1. Pointer positions can range from 0
(000000000000) to position 4095 (111111111111). For a
step motor requiring 12 microsteps per degree of pointer
movement, the maximum pointer sweep is 341.25
°
(4095
÷ 12).
Address 100—Gauge Return to Zero Register (RTZR)
Gauge Return to Zero Register (RTZR) (refer to Table 11)
is written to return the gauge pointers to the zero position.
During an RTZ event, the pointer is returned to zero using full
steps, where only one coil is driven at any point in time. The
back electromotive force (EMF) signal present on the non-
driven coil is integrated and its results are stored in an
accumulator.
A logic [1] written to bit RZ1 enables a Return to Zero for
Gauge 0 if RZ0 is logic [0], and Gauge 1 if RZ0 is logic [1],
respectively. Similarly, a logic [0] written to bit RZ1 disables a
Return to Zero for Gauge 0 when RZ0 is logic [0], and
Gauge 1 when RZ0 is logic [1], respectively.
Bits D12:D5 and D3:D2 must be at logic [0] for valid RTZR
commands.
Bit RZ4 is used to enable an unconditional RTZ event. A
logic [0] results in a typical RTZ event, automatically
providing a Stop when a stall condition is detected. A logic [1]
will result in RTZ movement, causing a Stop if a logic [0] is
written to bit RZ0. This feature is useful during development
and characterization of RTZ requirements.
The register bits in Table 11 are write-only.
RZ12:RZ5 (D12:D5)—These bits must be transmitted as
logic [0] for valid commands.
RZ4 (D4)—This bit is used to enable an unconditional
RTZ event.
• 0 = Automatic Return to Zero
• 1 = Unconditional Return to Zero
RZ3 (D3)—This bit must be transmitted as logic [0] for
valid commands.
RZ2 (D2)—Return to Zero Direction bit. This bit is used to
properly sequence the integrator, depending upon the
desired zeroing direction.
• 0 = Return to Zero will occur in the CCW direction
(PE7 = 0)
• 1 = Return to Zero will occur in the CW direction
(PE7 = 1)
Table 9. Gauge 0 Position Register (POS0R)
Address 010
Bits
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Read
–
–
–
–
–
–
–
–
–
–
–
–
–
Write
0
P011
P010
P09
P08
P07
P06
P05
P04
P03
P02
P01
P00
Table 10. Gauge 1 Position Register (POS1R)
Address 011
Bits
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Read
–
–
–
–
–
–
–
–
–
–
–
–
–
Write
0
P111
P110
P19
P18
P17
P16
P15
P14
P13
P12
P11
P10
Table 11. Return to Zero Register (RTZR)
Address 100
Bits
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Read
–
–
–
–
–
–
–
–
–
–
–
–
–
Write
0
0
0
0
0
0
0
0
RZ4
0
RZ2
RZ1
RZ0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com