Electronic Components Datasheet Search
  English  ▼

X  

33970 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33970 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33970
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
SPI PROTOCOL DESCRIPTION
The SPI interface has a full-duplex, three-wire
synchronous, 16-bit serial synchronous interface data
transfer and four I/O lines associated with it: Chip Select (CS),
Serial Clock (SCLK), Serial Input (SI), and Serial Output
(SO). The SI/SO pins of the 33970 follow a first in/first out
(D15/D0) protocol with both input and output words
transferring the most significant bit first. All inputs are
compatible with 5.0 V CMOS logic levels.
LOGIC COMMANDS AND REGISTERS
This section provides a description of the 33970 SPI behavior. To follow the explanations below, refer to Table 5 and to the
timing diagrams shown in Figure 6 and Figure 7.
Figure 6. Single 16-Bit Word SPI Communication
Figure 7. Multiple 16-Bit Word SPI Communication
Table 5. Data Transfer Timing
Pin
Description
CS
(1-to-0)
SO pin is enabled.
CS
(0-to-1)
33970 configuration and desired output states are transferred and executed according to the data in
the Shift registers.
SO
Will change state on the rising edge of the SCLK pin signal.
SI
Will accept data on the falling edge of the SCLK pin signal.
CS
SCLK
SI
SO
Output shift register is loaded here.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
OD15
OD14
OD13
OD12
OD11
OD10
OD9
OD8
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
Note SO is tri-stated when CS is logic [1].
CS
SCLK
SI
SO
D15
D14
D13
D12
D11
D2
D1
D0
D15
*
D14
*
D13
*
D4
D3
D2
*
D1
*
D0
*
OD15
OD14
OD13
OD12
OD11
OD2
OD1
OD0
D15
D14
D13
OD4
OD3
D2
D1
D0
Notes
2. D15, D14, D13, ..., and D0 refer to the first 16 bits of data into the 33970.
3. D15
*, D14*, D13*, ..., and D0* refer to the most recent entry of program data into the 33970.
4. OD15, OD14, OD13, ..., and OD0 refer to the first 16 bits of fault and status data out of the 33970.
1. SO is tri-stated when CS is logic [1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com