Electronic Components Datasheet Search
  English  ▼

X  

33970 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33970 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33970
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
table under POWER OUTPUT AND CLOCK TIMINGS,
page 7.
• 0 = Clock within spec
• 1 = Clock out of spec
OVUV (OD6) —Undervoltage or Overvoltage Indication. A
logic [1] on this bit indicates the VPWR voltage fell to a level
below the VPWRUV since the last SPI communication (refer to
the Static Electrical Characteristics table under POWER
INPUT, page 5). An undervoltage event is just flagged, while
an overvoltage event automatically disables the drive
outputs. Because the pointer may not be in the expected
position, the master may want to re-calibrate the pointer with
an RTZ command after the voltage returns to normal level.
For an overvoltage event, both gauges must be re-enabled
as soon as this flag returns to logic [0]. The state machine will
continue to operate properly as long as VDD is within the
normal range.
• 0 = Normal range
• 1 = Battery voltage fell below VPWRUV or exceeded
VPWROV
MOV1 (OD5) —This bit identifies Gauge 1 Movement
since last SPI communication. A logic [1] on this bit indicates
the Gauge 1 pointer position changed since the last SPI
command. This information allows the master to confirm the
pointer is moving as commanded.
• 0 = Gauge 1 position has not changed since the last SPI
command
• 1 = Gauge 1 pointer position has changed since the last
SPI command
MOV0 (OD4)—Gauge 0 Movement Since last SPI
Communication. A logic [1] on this bit indicates the Gauge 0
pointer position has changed since the last SPI command.
This information allows the master to confirm the pointer is
moving as commanded.
• 0 = Gauge 0 position has not changed since the last SPI
command
• 1 = Gauge 0 pointer position has changed since the last
SPI command
RTZ1 (OD3)—RTZ1 Is Enabled or Disabled. A logic [1] on
this bit indicates Gauge 1 is in the process of returning to the
zero position as requested with the RTZ command. This bit
will continue to indicate a logic [1] until the SPI message
following a detection of the zero position, or the RTZ feature
is commanded OFF using the RTZ message.
• 0 = Return to Zero disabled
• 1 = Return to Zero enabled successfully
RTZ0 (OD2) —RTZ0 Is Enabled or Disabled. A logic [1] on
this bit indicates Gauge 0 is in the process of returning to the
zero position as requested with the RTZ command. This bit
continues to indicate a logic [1] until the SPI message
following a detection of the zero position, or the RTZ feature
is commanded OFF using the RTZ message.
• 0 = Return to Zero disabled
• 1 = Return to Zero enabled successfully
OT1 (OD1) —Gauge 1 Junction Overtemperature. A
logic [1] on this bit indicates that the coil drive circuitry
dedicated to drive Gauge 1 has exceeded the maximum
allowable junction temperature since the last SPI
communication and that Gauge 1 has been disabled. It is
recommended that the pointer be re-calibrated using the RTZ
command after re-enabling the gauge using the PECCR
command. This bit remains logic [1] until the gauge is
enabled.
• 0 = Temperature within range
• 1 = Gauge 1 maximum allowable junction temperature
condition has been reached
OT0 (OD0)—Gauge 0 Junction Overtemperature. A
logic [1] on this bit indicates that the coil drive circuitry
dedicated to drive Gauge 0 has exceeded the maximum
allowable junction temperature since the last SPI
communication and that Gauge 0 has been disabled. It is
recommended that the pointer be re-calibrated using the RTZ
command after re-enabling the gauge using the PECCR
command. This bit remains logic [1] until the gauge is re-
enabled.
• 0 = Temperature within range
• 1 = Gauge 0 maximum allowable junction temperature
condition is reached
RTZ Accumulator Status Information
Most recent valid PECCR command resulting in the RTZ
Accumulator status output:
The bits in Table 16 are read-only bits.
RTZ (OD15)—RTZ Bit Is Enabled or Disabled. A logic [1]
on this bit indicates that the Gauge is in the process of
returning to the zero position as requested with the RTZ
command. This bit will continue to indicate a logic [1] until the
SPI message following a detection of the zero position, or the
RTZ feature is commanded OFF using the RTZ message.
• 0 = Return to Zero disabled
D11
D10
D9
D8
1
0
x
x
x = Don’t care.
Table 16. RTZ Accumulator Status Output Register
Bits
OD15
OD14
OD13
OD12
OD11
OD10
OD9
OD8
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
Read
RTZ
ACC14 ACC13 ACC12 ACC11
ACC10
ACC9
ACC8
ACC7 ACC6 ACC5 ACC4 ACC3 AC2C ACC1 ACC0
Write
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com